Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV047A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV047A
Description  DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV047A Datasheet(HTML) 3 Page - Texas Instruments

  DS90LV047A Datasheet HTML 1Page - Texas Instruments DS90LV047A Datasheet HTML 2Page - Texas Instruments DS90LV047A Datasheet HTML 3Page - Texas Instruments DS90LV047A Datasheet HTML 4Page - Texas Instruments DS90LV047A Datasheet HTML 5Page - Texas Instruments DS90LV047A Datasheet HTML 6Page - Texas Instruments DS90LV047A Datasheet HTML 7Page - Texas Instruments DS90LV047A Datasheet HTML 8Page - Texas Instruments DS90LV047A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS90LV047A
www.ti.com
SNLS044C – MAY 2000 – REVISED APRIL 2013
Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
(1) (2) (3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
VOD1
Differential Output Voltage
RL = 100Ω (Figure 2)
DOUT−
250
310
450
mV
DOUT+
ΔVOD1
Change in Magnitude of VOD1 for
1
35
|mV|
Complementary Output States
VOS
Offset Voltage
1.125
1.17
1.375
V
ΔVOS
Change in Magnitude of VOS for
1
25
|mV|
Complementary Output States
VOH
Output High Voltage
1.33
1.6
V
VOL
Output Low Voltage
0.90
1.02
V
VIH
Input High Voltage
DIN,
2.0
VCC
V
EN,
VIL
Input Low Voltage
GND
0.8
V
EN*
IIH
Input High Current
VIN = VCC or 2.5V
−10
2
+10
μA
IIL
Input Low Current
VIN = GND or 0.4V
−10
−2
+10
μA
VCL
Input Clamp Voltage
ICL = −18 mA
−1.5
−0.8
V
IOS
Output Short Circuit Current(4)
ENABLED,
DOUT−
−4.2
−9.0
mA
DIN = VCC, DOUT+ = 0V or
DOUT+
DIN = GND, DOUT− = 0V
IOSD
Differential Output Short Circuit
ENABLED, VOD = 0V
−4.2
−9.0
mA
Current(4)
IOFF
Power-off Leakage
VOUT = 0V or 3.6V, VCC = 0V or
−20
±1
+20
μA
Open
IOZ
Output TRI-STATE Current
EN = 0.8V and EN* = 2.0V
−10
±1
+10
μA
VOUT = 0V or VCC
ICC
No Load Supply current Drivers
DIN = VCC or GND
VCC
4.0
8.0
mA
Enabled
ICCL
Loaded Supply Current Drivers
RL = 100Ω All Channels, DIN = VCC
20
30
mA
Enabled
or GND (all inputs)
ICCZ
No Load Supply Current Drivers
DIN = VCC or GND, EN = GND, EN*
2.2
6.0
mA
Disabled
= VCC
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except: VOD1 and ΔVOD1.
(2)
All typicals are given for: VCC = +3.3V, TA = +25°C.
(3)
The DS90LV047A is a current mode device and only functions within datasheet specifications when a resistive load is applied to the
driver outputs typical range is (90
Ω to 110Ω).
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90LV047A


Similar Part No. - DS90LV047A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047ATM NSC-DS90LV047ATM Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATM NSC-DS90LV047ATM Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV047A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com