Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV047ATMTC Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV047ATMTC
Description  DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV047ATMTC Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90LV047ATMTC Datasheet HTML 5Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 6Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 7Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 8Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 9Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 10Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 11Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 12Page - Texas Instruments DS90LV047ATMTC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DS90LV047A
www.ti.com
SNLS044C – MAY 2000 – REVISED APRIL 2013
PIN DESCRIPTIONS
Pin No.
Name
Description
2, 3, 6, 7
DIN
Driver input pin, TTL/CMOS compatible
10, 11, 14, 15
DOUT+
Non-inverting driver output pin, LVDS levels
9, 12, 13, 16
DOUT−
Inverting driver output pin, LVDS levels
1
EN
Driver enable pin: When EN is low, the driver is disabled. When EN is high and EN*
is low or open, the driver is enabled. If both EN and EN* are open circuit, then the
driver is disabled.
8
EN*
Driver enable pin: When EN* is high, the driver is disabled. When EN* is low or
open and EN is high, the driver is enabled. If both EN and EN* are open circuit, then
the driver is disabled.
4
VCC
Power supply pin, +3.3V ± 0.3V
5
GND
Ground pin
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS90LV047A


Similar Part No. - DS90LV047ATMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV047ATMTC NSC-DS90LV047ATMTC Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATMTC NSC-DS90LV047ATMTC Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMTC TI1-DS90LV047ATMTC Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
DS90LV047ATMTC/NOPB TI1-DS90LV047ATMTC/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
DS90LV047ATMTCX TI1-DS90LV047ATMTCX Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV047ATMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com