Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90UB904Q Datasheet(PDF) 10 Page - Texas Instruments

Part # DS90UB904Q
Description  DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90UB904Q Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90UB904Q Datasheet HTML 6Page - Texas Instruments DS90UB904Q Datasheet HTML 7Page - Texas Instruments DS90UB904Q Datasheet HTML 8Page - Texas Instruments DS90UB904Q Datasheet HTML 9Page - Texas Instruments DS90UB904Q Datasheet HTML 10Page - Texas Instruments DS90UB904Q Datasheet HTML 11Page - Texas Instruments DS90UB904Q Datasheet HTML 12Page - Texas Instruments DS90UB904Q Datasheet HTML 13Page - Texas Instruments DS90UB904Q Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
DS90UB903Q, DS90UB904Q
SNLS332E – JUNE 2010 – REVISED APRIL 2013
www.ti.com
Serializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tLHT
CML Low-to-High Transition
RL = 100Ω (Figure 6)
150
330
ps
Time
tHLT
CML High-to-Low Transition
RL = 100Ω (Figure 6)
150
330
ps
Time
tDIS
Data Input Setup to PCLK
2.0
ns
Serializer Data Inputs (Figure 12)
tDIH
Data Input Hold from PCLK
2.0
ns
tPLD
Serializer PLL Lock Time
RL = 100Ω
(1) (2)
1
2
ms
tSD
RT = 100Ω, PCLK = 10–43 MHz
6.386T
6.386T
6.386T
Serializer Delay
Register 0x03h b[0] (TRFB = 1)
ns
+ 5
+ 12
+ 19.7
(Figure 14)
tJIND
Serializer output intrinsic deterministic
Serializer Output
jitter . Measured (cycle-cycle) with
0.13
UI
Deterministic Jitter
PRBS-7 test pattern
PCLK = 43 MHz(3)(4)
tJINR
Serializer output intrinsic random jitter
Serializer Output Random
(cycle-cycle). Alternating-1,0 pattern.
0.04
UI
Jitter
PCLK = 43 MHz(3)(4)
tJINT
Serializer output peak-to-peak jitter
includes deterministic jitter, random
Peak-to-peak Serializer
jitter, and jitter transfer from serializer
0.396
UI
Output Jitter
input. Measured (cycle-cycle) with
PRBS-7 test pattern.
PCLK = 43 MHz(3)(4)
λSTXBW
Serializer Jitter Transfer
PCLK = 43 MHz, Default Registers
1.90
MHz
Function -3 dB Bandwidth
(Figure 20)(3)
δSTX
Serializer Jitter Transfer
PCLK = 43 MHz, Default Registers
0.944
dB
Function (Peaking)
(Figure 20)(3)
δSTXf
Serializer Jitter Transfer
PCLK = 43 MHz, Default Registers
Function (Peaking
500
kHz
(Figure 20)(3)
Frequency)
(1)
tPLD and tDDLT is the time required by the serializer and deserializer to obtain lock when exiting power-down state with an active PCLK
(2)
Specification is ensured by design.
(3)
Typical values represent most likely parametric norms at 1.8V or 3.3V, TA = +25°C, and at the Recommended Operation Conditions at
the time of product characterization and are not ensured.
(4)
UI – Unit Interval is equivalent to one ideal serialized data bit width. The UI scales with PCLK frequency.
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
tRCP
Receiver Output Clock Period
tRCP = tTCP
PCLK
23.3
T
100
ns
tPDC
Default Registers
PCLK Duty Cycle
PCLK
45
50
55
%
SSCG[3:0] = OFF
LVCMOS Low-to-High Transition
VDDIO: 1.71V to 1.89V or
tCLH
1.3
2.0
2.8
Time
3.0 to 3.6V,
CL = 8 pF (lumped load)
PCLK
ns
tCHL
LVCMOS High-to-Low Transition
Default Registers
1.3
2.0
2.8
Time
(Figure 16)(1)
LVCMOS Low-to-High Transition
VDDIO: 1.71V to 1.89V or
tCLH
1.6
2.4
3.3
Time
3.0 to 3.6V,
Deserializer ROUTn
CL = 8 pF (lumped load)
ns
tCHL
Data Outputs
LVCMOS High-to-Low Transition
Default Registers
1.6
2.4
3.3
Time
(Figure 16)(1)
tROS
ROUT Setup Data to PCLK
VDDIO: 1.71V to 1.89V or
0.38T
0.5T
3.0V to 3.6V,
Deserializer ROUTn
tROH
ns
CL = 8 pF (lumped load)
Data Outputs
ROUT Hold Data to PCLK
0.38T
0.5T
Default Registers
(1)
Specification is ensured by characterization and is not tested in production.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS90UB903Q DS90UB904Q


Similar Part No. - DS90UB904Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB904Q TI1-DS90UB904Q Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB904Q-Q1 TI1-DS90UB904Q-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB904QSQ TI1-DS90UB904QSQ Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB904QSQ/NOPB TI1-DS90UB904QSQ/NOPB Datasheet
1Mb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer
DS90UB904QSQ/NOPB TI1-DS90UB904QSQ/NOPB Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results

Similar Description - DS90UB904Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB903QSQ TI1-DS90UB903QSQ Datasheet
1Mb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q_15 Datasheet
1Mb / 50P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UR903Q-Q1 TI1-DS90UR903Q-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UR903Q TI1-DS90UR903Q Datasheet
616Kb / 34P
[Old version datasheet]   DS90UR903Q/DS90UR904Q 10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com