Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV3241 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV3241
Description  DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92LV3241 Datasheet(HTML) 2 Page - Texas Instruments

  DS92LV3241 Datasheet HTML 1Page - Texas Instruments DS92LV3241 Datasheet HTML 2Page - Texas Instruments DS92LV3241 Datasheet HTML 3Page - Texas Instruments DS92LV3241 Datasheet HTML 4Page - Texas Instruments DS92LV3241 Datasheet HTML 5Page - Texas Instruments DS92LV3241 Datasheet HTML 6Page - Texas Instruments DS92LV3241 Datasheet HTML 7Page - Texas Instruments DS92LV3241 Datasheet HTML 8Page - Texas Instruments DS92LV3241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
DS92LV3241
TxIN
MODE = L
32
TxCLKIN
Tx - SERIALIZER
TxOUT0N
Rx - DESERIALIZER
TxOUT0P
32
RxCLKOUT
RxIN0N
RxIN0P
D
R
TxOUT1N
TxOUT1P
RxIN1N
RxIN1P
D
R
D
R
D
R
(Dual Mode)
(LVCMOS Input)
DS92LV3242
(20 MHz to 50 MHz)
RxOUT
(LVCMOS Output)
(20 MHz to 50 MHz)
TxIN0
Control
TxCLKIN
Pre-Emp
Control
CDR/PLL
High-Speed Serial Data
TxOUT0+
TxOUT0 -
TxOUT1+
TxOUT1 -
RxIN1 +
RxIN0+
RxIN0 -
RxIN1 -
PLL
Tx - SERIALIZER
TxIN15
TxIN16
TxIN31
RxOUT0
RxCLKOUT
RxOUT15
RxOUT16
RxOUT31
100: differential pairs
TxOUT2+
TxOUT2 -
TxOUT3+
TxOUT3 -
RxIN3 +
RxIN2+
RxIN2 -
RxIN3 -
Rx - DESERIALIZER
MODE
BISTEN
R_FB
PDB
VSEL
PRE
REN
R_FB
PDB
LOCK
BIST
BIST
DS92LV3241, DS92LV3242
SNLS314D – SEPTEMBER 2009 – REVISED APRIL 2013
www.ti.com
Block Diagram
Mode Diagrams
Figure 1. 'Dual Mode
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DS92LV3241 DS92LV3242


Similar Part No. - DS92LV3241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241 Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
DS92LV3241 NSC-DS92LV3241 Datasheet
171Kb / 6P
   Improving the Robustness of Channel Link Designs with Channel Link II Ser/Des
logo
Texas Instruments
DS92LV3241 TI-DS92LV3241 Datasheet
1Mb / 31P
[Old version datasheet]   DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241 TI1-DS92LV3241 Datasheet
1Mb / 32P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241 TI1-DS92LV3241 Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
More results

Similar Description - DS92LV3241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV3241TVSX TI-DS92LV3241TVSX Datasheet
1Mb / 31P
[Old version datasheet]   DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241 Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
logo
Texas Instruments
DS92LV3241 TI1-DS92LV3241_14 Datasheet
1Mb / 32P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241 TI1-DS92LV3241_15 Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com