Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV3241TVS Datasheet(PDF) 11 Page - Texas Instruments

Part # DS92LV3241TVS
Description  DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92LV3241TVS Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS92LV3241TVS Datasheet HTML 7Page - Texas Instruments DS92LV3241TVS Datasheet HTML 8Page - Texas Instruments DS92LV3241TVS Datasheet HTML 9Page - Texas Instruments DS92LV3241TVS Datasheet HTML 10Page - Texas Instruments DS92LV3241TVS Datasheet HTML 11Page - Texas Instruments DS92LV3241TVS Datasheet HTML 12Page - Texas Instruments DS92LV3241TVS Datasheet HTML 13Page - Texas Instruments DS92LV3241TVS Datasheet HTML 14Page - Texas Instruments DS92LV3241TVS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
DS92LV3241, DS92LV3242
www.ti.com
SNLS314D – SEPTEMBER 2009 – REVISED APRIL 2013
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tROCP
Receiver Output Clock Period
tROCP = tCIP
(Dual Mode)
20
tROCP
50
Figure 11
ns
tROCP = tCIP
11.76
tROCP
25
(Quad Mode)
tRODC
RxCLKOUT Duty Cycle
45
50
55
%
tROTR
LVCMOS Low-to-High Transition
CL = 8pF (lumped load)
3.2
ns
Time
(Dual Mode)
Figure 10
tROTF
LVCMOS High-to-Low Transition
3.5
ns
Time
tROTR
LVCMOS Low-to-High Transition
CL = 8pF (lumped load)
ns
2.4
Time
(Quad Mode)
tROTF
LVCMOS High-to-Low Transition
ns
1.9
Time
tROSC
RxOUT[31:0] Setup to RxCLKOUT
f = 50 MHz
0.5 x
5.6
ns
(Dual Mode)
tROCP
tROHC
RxOUT[31:0] Hold to RxCLKOUT
0.5 x
7.4
ns
tROCP
tROSC
RxOUT[31:0] Setup to RxCLKOUT
f = 85 MHz
0.5 x
3.4
ns
(Quad Mode)
tROCP
tROHC
RxOUT[31:0] Hold to RxCLKOUT
0.5 x
3.4
ns
tROCP
tHZR
Data Output High to TRI-STATE
Figure 13
5
10
ns
Delay
tLZR
Data Output Low to TRI-STATE
5
10
ns
Delay
tZHR
Data Output TRI-STATE to High
5
10
ns
Delay
tZLR
Data Output TRI-STATE to Low
5
10
ns
Delay
tRD
Deserializer Propagation Delay –
f = 20 MHz
5.5 x
ns
Latency
(Dual Mode)
tROCP +
Figure 12
3.35
5.5 x
ns
f = 50 MHz
tROCP +
(Dual Mode)
6.00
12.0 x
ns
f = 40 MHz
tROCP +
(Quad Mode)
7.4
12.0 x
ns
f = 85 MHz
tROCP +
(Quad Mode)
5.7
tRPLLS
(1)
Deserializer PLL Lock Time
20 MHz – 50 MHz
128k x
(Dual Mode)
ns
tROCP
Figure 13
40 MHz – 85 MHz
256k x
(Quad Mode)
ns
tROCP
Figure 13
TOLJIT
Deserializer Input Jitter Tolerance
0.25
UI
tLVSKR
LVDS Differential Input Skew
20 MHz – 85 MHz
0.4 x
ns
Tolerance
Figure 17
tROCP
(1)
tRPLLS is the time required by the Deserializer to obtain lock when exiting power-down mode.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS92LV3241 DS92LV3242


Similar Part No. - DS92LV3241TVS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV3241TVS NSC-DS92LV3241TVS Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
logo
Texas Instruments
DS92LV3241TVS TI-DS92LV3241TVS Datasheet
1Mb / 31P
[Old version datasheet]   DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241TVS/NOPB TI1-DS92LV3241TVS/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS92LV3241TVSX NSC-DS92LV3241TVSX Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
logo
Texas Instruments
DS92LV3241TVSX TI-DS92LV3241TVSX Datasheet
1Mb / 31P
[Old version datasheet]   DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
More results

Similar Description - DS92LV3241TVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV3242TVSX TI-DS92LV3242TVSX Datasheet
1Mb / 31P
[Old version datasheet]   DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241 Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
logo
Texas Instruments
DS92LV3241 TI1-DS92LV3241_14 Datasheet
1Mb / 32P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241 TI1-DS92LV3241_15 Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com