Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C128-10PI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C128-10PI
Description  2-Wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128-10PI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C128-10PI Datasheet HTML 1Page - ATMEL Corporation AT24C128-10PI Datasheet HTML 2Page - ATMEL Corporation AT24C128-10PI Datasheet HTML 3Page - ATMEL Corporation AT24C128-10PI Datasheet HTML 4Page - ATMEL Corporation AT24C128-10PI Datasheet HTML 5Page - ATMEL Corporation AT24C128-10PI Datasheet HTML 6Page - ATMEL Corporation AT24C128-10PI Datasheet HTML 7Page - ATMEL Corporation AT24C128-10PI Datasheet HTML 8Page - ATMEL Corporation AT24C128-10PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AT24C128/256
2
Absolute Maximum Ratings*
Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive
edge clock data into each EEPROM device and negative
edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for
serial data transfer. This pin is open-drain driven and may
be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/PAGE ADDRESSES (A1, A0): The A1 and A0
pins are device address inputs that are hardwired or left not
connected for hardware compatibility with AT24C32/64.
When the pins are hardwired, as many as four 128K/256K
devices may be addressed on a single bus system (device
addressing is discussed in detail under the Device
Addressing section). When the pins are not hardwired, the
default A
1 and A0 are zero.
WRITE PROTECT (WP): The write protect input, when tied
to GND, allows normal write operations. When WP is tied
high to V
CC, all write operations to the memory are inhib-
ited. If left unconnected, WP is internally pulled down to
GND. Switching WP to V
CC prior to a write operation cre-
ates a software write protect function.
Memory Organization
AT24C128/256, 128K/256K SERIAL EEPROM: The
128K/256K is internally organized as 256/512 pages of 64-
bytes each. Random word addressing requires a 14/15-bit
data word address.
Operating Temperature .................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage........................................... 6.25V
DC Output Current........................................................ 5.0 mA


Similar Part No. - AT24C128-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128-10PI ATMEL-AT24C128-10PI Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
AT24C128-10PI-1.8 ATMEL-AT24C128-10PI-1.8 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT24C128-10PI-1.8 ATMEL-AT24C128-10PI-1.8 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
AT24C128-10PI-2.7 ATMEL-AT24C128-10PI-2.7 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT24C128-10PI-2.7 ATMEL-AT24C128-10PI-2.7 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
More results

Similar Description - AT24C128-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com