Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C512W1-10SC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C512W1-10SC
Description  2-wire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C512W1-10SC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C512W1-10SC Datasheet HTML 1Page - ATMEL Corporation AT24C512W1-10SC Datasheet HTML 2Page - ATMEL Corporation AT24C512W1-10SC Datasheet HTML 3Page - ATMEL Corporation AT24C512W1-10SC Datasheet HTML 4Page - ATMEL Corporation AT24C512W1-10SC Datasheet HTML 5Page - ATMEL Corporation AT24C512W1-10SC Datasheet HTML 6Page - ATMEL Corporation AT24C512W1-10SC Datasheet HTML 7Page - ATMEL Corporation AT24C512W1-10SC Datasheet HTML 8Page - ATMEL Corporation AT24C512W1-10SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AT24C512
3
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1.
VIL min and VIH max are reference only and are not tested.
Pin Capacitance
(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +1.8V.
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
C
IN
Input Capacitance (A
0, A1, SCL)
6
pF
V
IN = 0V
DC Characteristics
Applicable over recommended operating range from: T
AI = -40°C to +85°C, VCC = +1.8V to +5.5V, TAC = 0°C to +70°C,
V
CC = +1.8V to +5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
1.8
3.6
V
V
CC2
Supply Voltage
2.7
5.5
V
V
CC3
Supply Voltage
4.5
5.5
V
I
CC1
Supply Current
V
CC = 5.0V
READ at 400 kHz
1.0
2.0
mA
I
CC2
Supply Current
V
CC = 5.0V
WRITE at 400 kHz
2.0
3.0
mA
ISB1
Standby Current
(1.8V option)
V
CC = 1.8V
VIN = VCC or VSS
0.2
µA
V
CC = 3.6V
2.0
I
SB2
Standby Current
(2.7V option)
V
CC = 2.7V
V
IN = VCC or VSS
0.6
µA
V
CC = 5.5V
6.0
I
SB3
Standby Current
(5.0V option)
V
CC = 4.5 - 5.5V
V
IN = VCC or VSS
6.0
µA
I
LI
Input Leakage Current
V
IN = VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage
Current
V
OUT = VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level
(1)
-0.6
V
CC x 0.3
V
VIH
Input High Level
(1)
VCC x 0.7
VCC + 0.5
V
V
OL2
Output Low Level
V
CC = 3.0V
I
OL = 2.1 mA
0.4
V
V
OL1
Output Low Level
V
CC = 1.8V
I
OL = 0.15 mA
0.2
V


Similar Part No. - AT24C512W1-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512W-10SU-1.8 ATMEL-AT24C512W-10SU-1.8 Datasheet
503Kb / 22P
   Two-wire Serial EEPROM
AT24C512W-10SU-2.7 ATMEL-AT24C512W-10SU-2.7 Datasheet
503Kb / 22P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C512W1-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com