Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL252R Datasheet(PDF) 8 Page - ams AG

Part # TSL252R
Description  LIGHT-TO-VOLTAGE OPTICAL SENSORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL252R Datasheet(HTML) 8 Page - ams AG

Back Button TSL252R Datasheet HTML 3Page - ams AG TSL252R Datasheet HTML 4Page - ams AG TSL252R Datasheet HTML 5Page - ams AG TSL252R Datasheet HTML 6Page - ams AG TSL252R Datasheet HTML 7Page - ams AG TSL252R Datasheet HTML 8Page - ams AG TSL252R Datasheet HTML 9Page - ams AG TSL252R Datasheet HTML 10Page - ams AG TSL252R Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TSL250R, TSL251R, TSL252R
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS028H − SEPTEMBER 2007
7
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
MECHANICAL INFORMATION
The devices are supplied in a clear plastic three-lead package (S). The integrated photodiode active area is
typically 1,0 mm2 (0.0016 in2) for TSL250R, 0,5 mm2 (0.00078 in2) for the TSL251R, and 0,26 mm2 (0.0004 in2)
for the TSL252R.
PACKAGE S
PLASTIC SINGLE-IN-LINE SIDE-LOOKER PACKAGE
1.64
2.60
2.30
4.60
R 0.90
1.80
0.42
1
2
y 2
0.47 TYP
TOP VIEW
SIDE VIEW
FRONT VIEW
0.42
1.56
14.86 + 0.50
4.60
0.15
Note B
Lead Free
Available
Pb
NOTES: A. All linear dimensions are in millimeters; tolerance is ± 0.25 mm unless otherwise stated.
B. Dimension is to center of lens arc, which is located below the package face.
C. The integrated photodiode active area is typically located in the center of the lens and 0.97 mm below the top of the lens surface.
D. Index of refraction of clear plastic is 1.55.
E. Lead finish for TSL25xR: solder dipped, 63% Sn/37% Pb. Lead finish for TSL25xR−LF: solder dipped, 100% Sn.
F. This drawing is subject to change without notice.
Figure 8. Package Configuration


Similar Part No. - TSL252R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL252R ETC-TSL252R Datasheet
95Kb / 8P
   LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL252R TAOS-TSL252R Datasheet
162Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL252R AMSCO-TSL252R Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL252R AMSCO-TSL252R Datasheet
232Kb / 20P
   Light-to-Voltage Optical Sensors
2016-May-30
logo
TEXAS ADVANCED OPTOELEC...
TSL252R-LF TAOS-TSL252R-LF Datasheet
162Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results

Similar Description - TSL252R

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
List of Unclassifed Man...
TSL250R ETC-TSL250R Datasheet
95Kb / 8P
   LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
   Light-to-Voltage Optical Sensors
2016-May-30
logo
TEXAS ADVANCED OPTOELEC...
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL250 TI-TSL250 Datasheet
91Kb / 6P
[Old version datasheet]   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL260R TAOS-TSL260R Datasheet
209Kb / 14P
   INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL260 TI1-TSL260 Datasheet
133Kb / 9P
[Old version datasheet]   IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
1996
logo
List of Unclassifed Man...
TSL262R ETC1-TSL262R Datasheet
91Kb / 8P
   INFRARED LIGHTTOVOLTAGE OPTICAL SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com