Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL257T Datasheet(PDF) 7 Page - ams AG

Part # TSL257T
Description  HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL257T Datasheet(HTML) 7 Page - ams AG

Back Button TSL257T Datasheet HTML 3Page - ams AG TSL257T Datasheet HTML 4Page - ams AG TSL257T Datasheet HTML 5Page - ams AG TSL257T Datasheet HTML 6Page - ams AG TSL257T Datasheet HTML 7Page - ams AG TSL257T Datasheet HTML 8Page - ams AG TSL257T Datasheet HTML 9Page - ams AG TSL257T Datasheet HTML 10Page - ams AG TSL257T Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TSL257T
HIGH-SENSITIVITY
LIGHT-TO-VOLTAGE CONVERTER
TAOS065B − APRIL 2007
6
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL DATA
The TSL257T is supplied in a low-profile surface-mount package. This package contains no lead (Pb).
PACKAGE T
Four-Lead Surface Mount Device
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
PIN 1
1.35
3.10
75
0.35
DETAIL A: TYPICAL PACKAGE TERMINAL
0.80
0.90
0.10
0.40
R 0.20
Lead Free
Pb
1.89
1.0
1.50
0.55
3.80
2.60
Photodiode
(Note C)
0.50
0.45
NOTES: A. All linear dimensions are in millimeters.
B. Terminal finish is gold.
C. The center of the 0.75 mm diameter integrated photodiode active area is typically located 0.1 mm above the center of the package.
D. Dimension tolerance is ± 0.15 mm.
E. This drawing is subject to change without notice.
Figure 8. Package T — Four-Lead Surface Mount Device Packaging Configuration


Similar Part No. - TSL257T

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
More results

Similar Description - TSL257T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
   HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
   High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
   HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL267 AMSCO-TSL267 Datasheet
703Kb / 9P
   HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
List of Unclassifed Man...
TSL267 ETC-TSL267 Datasheet
73Kb / 6P
   HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com