Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL261R Datasheet(PDF) 8 Page - ams AG

Part # TSL261R
Description  INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL261R Datasheet(HTML) 8 Page - ams AG

Back Button TSL261R Datasheet HTML 4Page - ams AG TSL261R Datasheet HTML 5Page - ams AG TSL261R Datasheet HTML 6Page - ams AG TSL261R Datasheet HTML 7Page - ams AG TSL261R Datasheet HTML 8Page - ams AG TSL261R Datasheet HTML 9Page - ams AG TSL261R Datasheet HTML 10Page - ams AG TSL261R Datasheet HTML 11Page - ams AG TSL261R Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TSL260R, TSL261R, TSL262R
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS049E −SEPTEMBER 2007
7
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION
NOTE A: Output pulses low until beam is interrupted. Useful range is 1 ft to 20 ft; can be extended with lenses. This configuration is suited
for object detection, safety guards, security systems, and automatic doors.
Stanley part number
TSL262R
Sensor
Output
50 kΩ
5 V
2
3
1
+
BN301
4
5 V
4.7 kΩ
15-kΩ
TLC372
1
8
3
2
100 kΩ
5 V
0.01 μF
Threshold
TLC555
4
3
1
5 V
8
27 kΩ
7
6
2
3 kΩ
0.01 μF
2N3906
18 Ω
Figure 9. Pulsed Optical-Beam Interrupter
NOTE A: Output goes low when light pulses from emitter are reflected back to sensor. Range is 6 in to 18 in depending upon object
reflectance. Useful for automatic doors, annunciators, object avoidance in robotics, automatic faucets, and security systems.
OPTEK part number
Stanley part number
OP295
or
BN301
560 kΩ
TSL260R
Sensor
6 V
2
3
1
0.1 μF
NE567
4
1 kΩ
270 kΩ
0.1 μF
4.7 μF
1 μF
0.1 μF
10 kΩ
100 Ω
+
+
3
27
1
8
Light
Shield
2N3904
0.01 μF
5
6
Figure 10. Proximity Detector


Similar Part No. - TSL261R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL261R ETC1-TSL261R Datasheet
91Kb / 8P
   INFRARED LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL261R TAOS-TSL261R Datasheet
209Kb / 14P
   INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL261R AMSCO-TSL261R Datasheet
829Kb / 15P
   INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL261R-LF TAOS-TSL261R-LF Datasheet
209Kb / 14P
   INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL261RD TAOS-TSL261RD Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results

Similar Description - TSL261R

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL260R TAOS-TSL260R Datasheet
209Kb / 14P
   INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
List of Unclassifed Man...
TSL262R ETC1-TSL262R Datasheet
91Kb / 8P
   INFRARED LIGHTTOVOLTAGE OPTICAL SENSORS
logo
ams AG
TSL262 AMSCO-TSL262 Datasheet
829Kb / 15P
   INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
List of Unclassifed Man...
TSL250R ETC-TSL250R Datasheet
95Kb / 8P
   LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
   Light-to-Voltage Optical Sensors
2016-May-30
logo
TEXAS ADVANCED OPTOELEC...
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL250 TI-TSL250 Datasheet
91Kb / 6P
[Old version datasheet]   LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com