Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3S-1000 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3S-1000
Description  Surface Mount Tactile Switch for High-Density Packaging
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3S-1000 Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3S-1000 Datasheet HTML 1Page - Omron Electronics LLC B3S-1000 Datasheet HTML 2Page - Omron Electronics LLC B3S-1000 Datasheet HTML 3Page - Omron Electronics LLC B3S-1000 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tactile Switch
B3S
249
Tactile Switch
B3S
Surface Mount Tactile Switch for High-
Density Packaging
• Sealed construction conforming to IP67 (IEC-60529) provides
high contact reliability in locations exposed to dust or water
(*Excluding the terminal section)
• Surface-mounting terminals for high-density mounting
• Ground terminal available to protect against static electricity
• Available in embossed taping packages for automatic insertion
• RoHS Compliant
Ordering Information
Note: Order in multiples of the quantities given for each package
Important Note: Switches cannot be water-washed.
Specifications
■ Characteristics
Note: Data shown are of initial value.
■ Operating Characteristics
Switch height
Operating force
Model
Without ground terminal
With ground terminal
Bags
(100 per bag)
Embossed Tape
(1,000 per reel)
Bags
(100 per bag)
Embossed Tape
(1,000 per reel)
4.3
General-purpose: 160 g
B3S-1000
B3S-1000P
B3S-1100
B3S-1100P
High-force:
230 g
B3S-1002
B3S-1002P
B3S-1102
B3S-1102P
Contact form
SPST-NO
Switching capacity
1 to 50 mA, 5 to 24 VDC (resistive load)
Contact resistance
100 m
Ω max. (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC, 50/60 Hz for 1 minute
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100 G) max.
Malfunction: 100 m/s2 (approx. 10 G) max.
Ambient operating temperature
-25
° to 70°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 30
°C)
Service life
General-purpose type
500,000 operations min.
High-force type
300,000 operations min.
Weight
Approx. 0.30 g
Characteristics
General-purpose
High-force
Operating force (OF) max.
160 g
230 g
Release force (RF) min.
20 g
50 g
Pretravel (PT)
0.25 + 0.2/-0.1 mm


Similar Part No. - B3S-1000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3S-1000 OMRON-B3S-1000 Datasheet
49Kb / 5P
   Mechanical Key Switch (SMD)
B3S-1000 OMRON-B3S-1000 Datasheet
278Kb / 4P
   Tactile Switch
B3S-1000 OMRON-B3S-1000 Datasheet
244Kb / 3P
   Sealed Tactile Switch (SMT)
B3S-1000 OMRON-B3S-1000 Datasheet
189Kb / 3P
   Sealed construction conforming to IP67 (IEC-60529) provides high contact reliability in locations exposed to dust or water
logo
Texas Instruments
B3S-1000 TI-B3S-1000 Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
More results

Similar Description - B3S-1000

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
   High Current Density Surface Mount High Current Density Surface Mount
Revision: 02-Aug-13
logo
Copal Electronics
SMT3 COPAL-SMT3 Datasheet
676Kb / 2P
   Surface Mount Tactile Switches
SMT1 COPAL-SMT1 Datasheet
576Kb / 2P
   Surface Mount Tactile Switches
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
Hirose Electric
HP5-189P-1.27W HIROSE-HP5-189P-1.27W Datasheet
1Mb / 34P
   High-density Packaging System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com