Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2SW-3HS Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D2SW-3HS
Description  Sealed Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-3HS Datasheet(HTML) 6 Page - Omron Electronics LLC

  D2SW-3HS Datasheet HTML 1Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 2Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 3Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 4Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 5Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 6Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 7Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
200
Sealed Snap Action Switch
D2SW
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Correct Use
Operation stroke
Make sure that the switching object is perfectly separated from the
actuator when the switch is not operated and the actuator is pressed
appropriately by the switching object when the switch is operated.
The switch should be set so that its stroke will be within the rated OT
when the switch is operated.
Handling
Install the switching object so that its moving direction is the same as
that of the actuator. With the pin plunger models, set the switch so
that the plunger can be actuated from directly above. Since the
plunger is covered with a rubber cap, applying a force from lateral
directions may cause damage to the plunger or reduction in the
sealing capability.
Handle D2SW models with pin plungers with care so that the sealing
rubber parts around the pin plungers will not be damaged.
Make sure that there is no icing when using the D2SW at low
ambient temperatures.
Using Microloads
Using a model for ordinary loads to switch microloads may result in
faulty operation. Instead, use the models that are designed for
microloads and that operate in the following range;
However, even when using microload models within the operating
range shown above, if inrush current or inductive voltage spikes
occur when the contact is opened or closed, then contact wear may
increase and so decrease the service life. Therefore, insert a contact
protection circuit where necessary.
■ Cautions
Degree of Protection
The D2SW was tested under water and passed the following water-
tightness test, which however, does not mean that the D2SW can be
used in the water. JIS C0929 (rules for testing the watertightness of
electrical devices and materials), class 7 (watertightness test). Refer
to the following illustration for the test method.
IEC Publication 529, class IP67. Refer to the following illustration for
the test method.
Note: The object to be tested is left in the water for 30 minutes on con-
dition that the distance between the surface of the water and
the top of the object be 15 cm minimum, and the distance be-
tween the surface of the water and the bottom of the object be
1 m minimum.
Protection Against Chemicals
Prevent the switch from coming into contact with oil and chemicals.
Otherwise, damage and deterioration to the switch materials may
occur.
Soldering
When soldering a lead wire to a terminal of the D2SW, use a solder-
ing iron with a maximum capacity of 30 W and do not take more than
5 seconds to solder the lead wire, otherwise the characteristics of the
D2SW may be altered.
Correct
Incorrect
Incorrect
Operating range
for micro load
models D2SW-01
Operating
range for
general-load
models
D2SW-3
Current (mA)
Inoperable
range


Similar Part No. - D2SW-3HS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2SW-3HS OMRON-D2SW-3HS Datasheet
613Kb / 8P
   Sealed Snap Action Switch
More results

Similar Description - D2SW-3HS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2JW OMRON-D2JW Datasheet
525Kb / 8P
   Sealed Snap Action Switch
D2VW OMRON-D2VW Datasheet
612Kb / 8P
   Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
   Sealed Snap Action Switch
D2HW OMRON-D2HW Datasheet
801Kb / 10P
   Sealed Subminiature Snap Action Switch
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com