Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X2D1-U2M Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E2E-X2D1-U2M
Description  Standard Proximity Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X2D1-U2M Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E2E-X2D1-U2M Datasheet HTML 2Page - Omron Electronics LLC E2E-X2D1-U2M Datasheet HTML 3Page - Omron Electronics LLC E2E-X2D1-U2M Datasheet HTML 4Page - Omron Electronics LLC E2E-X2D1-U2M Datasheet HTML 5Page - Omron Electronics LLC E2E-X2D1-U2M Datasheet HTML 6Page - Omron Electronics LLC E2E-X2D1-U2M Datasheet HTML 7Page - Omron Electronics LLC E2E-X2D1-U2M Datasheet HTML 8Page - Omron Electronics LLC E2E-X2D1-U2M Datasheet HTML 9Page - Omron Electronics LLC E2E-X2D1-U2M Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
E2E
E2E Model Number Legend
Note: The purpose of this model number legend is to provide understanding of the meaning of specifications from the model number.
Models are not available for all combinations of code numbers.
Ask your OMRON representative if you require a customized model.
E2E-
A BCDEFG H I - J - K - L
-
M
No.
Classification
Code
Meaning
Remarks
A
Appearance
C
Cylindrical (not threaded)
X
Cylindrical (threaded)
B
Sensing distance
Number
Sensing distance (Unit: mm)
Example:
R6: 0.6 mm
1R5: 1.5 mm
R
Indication of decimal point
C
Shielding
Blank
Shielded Models
M
Unshielded Models
D
Power supply and output
specifications
B
DC 3-wire PNP open-collector output
Whether D models have
polarity is defined by num-
ber
J.
C
DC 3-wire NPN open-collector output
D
DC 2-wire polarity/no polarity
E
DC 3-wire NPN collector load built-in output
F
DC 3-wire PNP collector load built-in output
T
AC/DC 2-wire
Y
AC 2-wire
E
Form of output switching el-
ement
1
Normally open (NO)
2
Normally closed (NC)
F
Oscillation frequency type
Blank
Standard frequency
Used to prevent mutual in-
terference.
5
Different frequency
G
Self-diagnosis
Blank
No
5Yes
H
Connection method
Blank
Pre-wired
M1
M12-size metal connector
M3
M8-size metal connector
I
Connector specifications
Blank
Connector Models
DC 3-wire and AC 2-wire, DC 2-wire with self-diagnosis output,
DC 2-wire with old pin arrangement (polarity)
G
Connector Models
DC 2-wire with IEC pin arrangement (polarity)
J
Pre-wired Connector Models
DC 3-wire and AC 2-wire, DC 2-wire with IEC pin arrangement
(polarity), DC 3-wire and AC 2-wire, DC 2-wire with self-diagno-
sis output, DC 2-wire with old pin arrangement (polarity)
GJ
Pre-wired Connector Models
DC 2-wire with IEC pin arrangement (polarity)
TJ
Pre-wired Smartclick Connector Models
DC 2-wire with IEC pin arrangement (no polarity)
TGJ
Pre-wired Smartclick Connector Models
DC 2-wire with IEC pin arrangement (polarity)
J
DC 2-wire polarity
Blank
Polarity
T
No polarity
K
Cable specifications
Blank
Standard PVC cable (oil resistant)
R
Flexible PVC cable (oil resistant)
U
Polyurethane cable (oil resistant and reinforced)
L
New model
N
New model (Applies only to DC 2-wire pre-wired and shielded
models.)
This is blank if the cable
specification in number
K
is R or U.
M
Cable length
Letter M
Cable length (Unit: m) (Applicable to Pre-wired Models and Pre-
wired Connector Models.)
Example:
2M
0.3M


Similar Part No. - E2E-X2D1-U2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X2D1-U2M OMRON-E2E-X2D1-U2M Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
More results

Similar Description - E2E-X2D1-U2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-C1C1 OMRON-E2E-C1C1 Datasheet
2Mb / 36P
   Standard Proximity Sensor
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
   MINIATURE STANDARD PROXIMITY SENSOR
logo
Omron Electronics LLC
TL-N OMRON-TL-N Datasheet
1Mb / 12P
   Rectangular Standard Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com