Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1E-N14DR-A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CP1E-N14DR-A
Description  The CP1E Package PLCs: Economical, Easy to use, and Efficient
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1E-N14DR-A Datasheet(HTML) 2 Page - Omron Electronics LLC

  CP1E-N14DR-A Datasheet HTML 1Page - Omron Electronics LLC CP1E-N14DR-A Datasheet HTML 2Page - Omron Electronics LLC CP1E-N14DR-A Datasheet HTML 3Page - Omron Electronics LLC CP1E-N14DR-A Datasheet HTML 4Page - Omron Electronics LLC CP1E-N14DR-A Datasheet HTML 5Page - Omron Electronics LLC CP1E-N14DR-A Datasheet HTML 6Page - Omron Electronics LLC CP1E-N14DR-A Datasheet HTML 7Page - Omron Electronics LLC CP1E-N14DR-A Datasheet HTML 8Page - Omron Electronics LLC CP1E-N14DR-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
2
System Configuration
Basic System Configuration Using an E-type CPU Unit
Basic System Configuration Using an N/NA-type CPU Unit
Personal computer
CP1E-E30DR-A
CP1E-E40DR-A
CP1E-E10D
@-@
CP1E-E14DR-A
CP1E-E20DR-A
Support Software
CX-Programmer
IBM PC/AT or equivalent
CP1E CPU Unit
Expansion I/O Units
Expansion Units
20 or 40 I/O Points
8 inputs
8 outputs
16 outputs
32 outputs
Up to 3 Units can be connected
CP1W-CN811
CP1E CPU Unit
Expansion Units and
Expansion I/O Units
I/O Connecting Cable
When a two level layout is created by expansion and distance is required
DIN Track
Analog I/O
Analog inputs
Analog outputs
Temperature sensors
CompoBus/S I/O Link Unit
CP1E PLCs are supported by
CP1W-CIF41 version 2.0 or higher.
CP1E-N30D -
CP1E-N40D -
CP1E-N60D -
CP1E-NA20D -
CP1E-N14D -
CP1E-N20D -
CP1E CPU Unit
Expansion I/O Units
Expansion Units
20 or 40 I/O Points
8 inputs
8 outputs
16 outputs
32 outputs
Analog I/O
Analog inputs
Analog outputs
Temperature sensors
CompoBus/S I/O Link Unit
Up to 3 Units can be connected
DIN Track
CP1W-CN811
CP1E CPU Unit
Expansion Units and
Expansion I/O Units
I/O Connecting Cable
Personal computer
IBM PC/AT or
equivalent
Built in RS-232C
COMM
RS-232C Option Board
CP1W-CIF01
COMM
RS-422A/485 Option Board
CP1W-CIF11
CP1W-CIF12
Or
Or
Battery
CP1W-BAT01
When a two level layout is created by expansion and distance is required
(NT Link/HOST Link)
General component
(No-protocol mode)
(Modbus-RTU)
CP-series PLC or
CJ1M PLC
(Serial PLC Link)
Host computer
(Host Link)
Programmable
Terminal (PT)
*The CP1W-DAM01 LCD Option Board can not be used.
Inverter
Support Software
CX-Programmer
Ethernet Option Board
CP1W-CIF41
IP ADDRESS:
SUBNET MASK:
COMM ERR
10BASE-T
100BASE-TX


Similar Part No. - CP1E-N14DR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E-N14DR-A OMRON-CP1E-N14DR-A Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1E-N14DR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com