Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCN1-4C Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # DCN1-4C
Description  General-purpose Peripheral Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DCN1-4C Datasheet(HTML) 4 Page - Omron Electronics LLC

  DCN1-4C Datasheet HTML 1Page - Omron Electronics LLC DCN1-4C Datasheet HTML 2Page - Omron Electronics LLC DCN1-4C Datasheet HTML 3Page - Omron Electronics LLC DCN1-4C Datasheet HTML 4Page - Omron Electronics LLC DCN1-4C Datasheet HTML 5Page - Omron Electronics LLC DCN1-4C Datasheet HTML 6Page - Omron Electronics LLC DCN1-4C Datasheet HTML 7Page - Omron Electronics LLC DCN1-4C Datasheet HTML 8Page - Omron Electronics LLC DCN1-4C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Peripheral Devices
157
Dimensions
(Unit: mm)
● General-purpose Models
74.5
67.5
20
20
45
46
30.9
20.5
14.15±0.1
14
74.5±0.1
Two,
3.5±0.1 dia.
or M3
5
TRUNK
LINE
1
TRUNK
LINE
Terminator
connection
4
3
2
1
5
4
3
2
1
5
4
3
2
1
Internal Circuit
T-branch Tap for 1 branch line
DCN1-1NC
(With Three Branching
Connectors)
Mounting Dimensions
Terminal No.
Name
1
V-
2CAN L
3
DRAIN
4CAN H
5
V+
97
90
45
15.5
15.5
20.5
31.27
7
Socket for terminator connection
Note
97±0.3
14±0.3
Two,
3.5 dia.
or M3
54321
5
4
3
2
1
54321
4
2
CN4
CN3
CN1
CN2
Branch line
Main line
Main line
Note: When connecting a branch line to the main line, connect the main line to the connector
marked with an asterisk because the resistance between the asterisks is minimal.
Internal Circuit
T-branch Tap for 1 branch line
DCN1-1C
(With Three Branching
Connectors)
Terminal No.
Name
1
V-
2CAN L
3
DRAIN
4CAN H
5
V+
Mounting Dimensions
17
17
17
97
90
2.3
17
45
14
14±0.1
97±0.1
46
30.9
20.5
Two,
3.5±0.1 dia.
or M3
5
TRUNK
LINE
3
2
1
TRUNK
LINE
Terminator
connection
4
3
2
1
5
4
3
2
1
5
4
3
2
1
5
4
3
2
1
5
4
3
2
1
Internal Circuit
T-branch Tap for 3 branch lines
DCN1-3NC
(With Five Branching
Connectors)
Mounting Dimensions
Terminal No.
Name
1
V-
2CAN L
3
DRAIN
4CAN H
5
V+


Similar Part No. - DCN1-4C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN1-4C OMRON-DCN1-4C Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
More results

Similar Description - DCN1-4C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN3-11 OMRON-DCN3-11 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
logo
Toshiba Semiconductor
TC9591XBG TOSHIBA-TC9591XBG Datasheet
390Kb / 17P
   Automotive Peripheral Devices
2020-06-05 Rev.1.0
TC9590XBG TOSHIBA-TC9590XBG Datasheet
278Kb / 17P
   Automotive Peripheral Devices
2022-02-24 Rev. 1.4
TC9592XBG TOSHIBA-TC9592XBG Datasheet
680Kb / 24P
   Automotive Peripheral Devices
2022-05-25 Rev 1.2
logo
Sanyo Semicon Device
LC8953 SANYO-LC8953 Datasheet
222Kb / 9P
   General-Purpose 68000 MPU Peripheral Interface LSI
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
   Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
   Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
   Interface Driver for microcomputer peripheral and display devices
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com