Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3C-1 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3C-1
Description  Special-Purpose Photoelectric Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3C-1 Datasheet HTML 1Page - Omron Electronics LLC E3C-1 Datasheet HTML 2Page - Omron Electronics LLC E3C-1 Datasheet HTML 3Page - Omron Electronics LLC E3C-1 Datasheet HTML 4Page - Omron Electronics LLC E3C-1 Datasheet HTML 5Page - Omron Electronics LLC E3C-1 Datasheet HTML 6Page - Omron Electronics LLC E3C-1 Datasheet HTML 7Page - Omron Electronics LLC E3C-1 Datasheet HTML 8Page - Omron Electronics LLC E3C-1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
E3C
E3C
6
DC Amplifiers, continued
Part number
E3C-JB4P
E3C-JC4P
E3C-GE4
E3C-GF4
E3C-WH4F
Indicators
Light Incident (red LED), Output Stability (green LED)
Materials
Case
Plastic
Mounting
DIN rail track or mounting
Requires PYF08A-E
DIN rail track or
bracket E39-L48 (included)
or PYF08M
bottom surface with
or side surface with two
socket (not included).
two through holes.
through holes
Order separately
from Accessories.
Connections
Prewired with 5 conductor
Terminal screws
Terminal screws or
cable, 2 m (6.56 ft) length
on socket
direct connection to
S3D8 Sensor
Controller with
E99-C connector
(included).
Weight
80 g (2.8 oz.)
15 g (0.5 oz.)
100 g (3.5 oz.)
Enclosure
UL
NEMA
1, 2
1
IEC 144
IP50
IP20
Approvals
UL
CSA
Ambient
Operating
-10
° to 55°C (14° to 131°F)
temperature
Storage
-25
° to 70°C (-13° to 158°F)
s OUTPUT CIRCUIT DIAGRAMS
Amplifiers E3C-A, E3C-C
Amplifiers E3C-J❑4P
NPN output type
E3C-JC4P
PNP output type
E3C-JB4P


Similar Part No. - E3C-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
302Kb / 16P
   Photoelectric Sensor
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
More results

Similar Description - E3C-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com