Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F-1056 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3F-1056
Description  Tactile Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-1056 Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3F-1056 Datasheet HTML 1Page - Omron Electronics LLC B3F-1056 Datasheet HTML 2Page - Omron Electronics LLC B3F-1056 Datasheet HTML 3Page - Omron Electronics LLC B3F-1056 Datasheet HTML 4Page - Omron Electronics LLC B3F-1056 Datasheet HTML 5Page - Omron Electronics LLC B3F-1056 Datasheet HTML 6Page - Omron Electronics LLC B3F-1056 Datasheet HTML 7Page - Omron Electronics LLC B3F-1056 Datasheet HTML 8Page - Omron Electronics LLC B3F-1056 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
B3F
Tactile Switch
A Wide Range of Models:
6
× 6 mm, 12 × 12 mm, Side-operated,
High-force, and Gold-plated.
• Extended mechanical/electrical durability: 10 x 106
operations for 12 x 12 mm type and 1 x 106
operations for the 6 x 6 mm type
• Taped radial type, vertical type and high force
types are available.
• Gold plated models available for increased
contact reliability, resistance to corrosive gas and
insulation failure prevention for ion migration in
harsh environments
• Type B32 Key Tops are available for projected
plunger models.
List of Models
6
× 6 mm Models
RoHS Compliant
Type
Plunger
Height
Operating force
(OF)
Plunger color
Bags (in units of 100 Switches)
Without ground
terminal
With ground
terminal
Standard
(B3F-1000)
4.3 mm
0.98 N {100 gf}
lvory
B3F-1000
B3F-1100
1.47 N {150 gf}
Yellow
B3F-1002
B3F-1102
2.55 N {260 gf}
Orange
B3F-1005
B3F-1105
4.9 N {500 gf}
Red
B3F-1006
---
5.0 mm
0.98 N {100 gf}
Black
B3F-1020
B3F-1120
1.47 N {150 gf}
Gray
B3F-1022
B3F-1122
2.55 N {260 gf}
Pink
B3F-1025
B3F-1125
4.9 N {500 gf}
Blue
B3F-1026
---
5.0 mm
(7.5-mm pitch)
0.98 N {100 gf}
Black
---
B3F-1110
7.0 mm
0.98 N {100 gf}
Black
B3F-1060
---
1.47 N {150 gf}
Yellow
B3F-1062
---
9.5 mm
0.98 N {100 gf}
Black
B3F-1070
---
1.47 N {150 gf}
Yellow
B3F-1072
---
2.55 N {260 gf}
Orange
B3F-1075
---
7.3 mm
0.98 N {100 gf}
lvory
B3F-1050
B3F-1150
1.47 N {150 gf}
Yellow
B3F-1052
B3F-1152
2.55 N {260 gf}
Orange
B3F-1055
B3F-1155
4.9 N {500 gf}
Red
B3F-1056
---
Flat type
Projected type


Similar Part No. - B3F-1056

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-1050 OMRON-B3F-1050 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-1050 OMRON-B3F-1050 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1050 OMRON-B3F-1050 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1050S OMRON-B3F-1050S Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-1052 OMRON-B3F-1052 Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-1056

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com