Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-BBBBCDE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A-BBBBCDE
Description  AC-DC Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A-BBBBCDE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A-BBBBCDE Datasheet HTML 1Page - List of Unclassifed Manufacturers A-BBBBCDE Datasheet HTML 2Page - List of Unclassifed Manufacturers A-BBBBCDE Datasheet HTML 3Page - List of Unclassifed Manufacturers A-BBBBCDE Datasheet HTML 4Page - List of Unclassifed Manufacturers A-BBBBCDE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Westcor MicroPAC
Rev 1.0
vicorpower.com
Page 2 of 5
8/2012
800 927.9474
Input
Input Voltage
85 – 264 Vac
DC Rating: 120 Vdc – 300 Vdc
(¼” x 1¼”) Cooper Bussmann,
(5 x 20 mm) Littelfuse,
ABC-15,
216 series,
External Fuse
rated 15 A
rated 16 A
Littelfuse,
(¼” x 1¼”) Littelfuse,
505 series,
505 series,
rated 16 A / 500 Vdc
rated 16 A / 500 Vdc
Frequency
47 ~ 400 Hz
Inrush Current
30 A Peak
Efficiency
≥92% @ Full load @ 25°C
≥91% @ Full load @ 25°C
ambient 48 V output
ambient 12 V output
Power factor
> 0.95 typ. Meets EN61000-3-2
Turn-on time
AC on 1.5 sec TYP
EN55022 Class B Information technology equipment — Radio
Conducted EMI
disturbances characteristics — Limits and methods of measurement
BS EN55022:1998; CISPR 22:1997, incorporating corrigendum
Harmonic distortion
Meets IEC 61000-3-2
Isolation
Meets IEC 60950
Leakage current
< 3.5 mA @ 264 Vac @ 63 Hz
Hold up time
20 mS typical
Warranty
2 Years
Output
Number of outputs
1 to 4
Normal output voltages
12 V, 24 V, 36 V and 48 V (contact factory for details)
Maximum output current
100 A @ 12 V
[27 A @ 48 V]
Auxiliary output
5 V @ 0.5 A 50 mV p-p
Voltage regulation
12 V output (11.3 V ~ 12.5 V)
48 V output (45 V ~ 50 V)
Ripple and noise
12 V output (197 mV ~ 400 mV p-p)
48 V output (1.6 Vp-p)
(20 MHz bandwidth)
Current sharing accuracy
5 to 10%
Short circuit protection
“Fold-Back” Technique
Over voltage protection
12 V output set point 12.5 V typical
48 V modules 50 V typical
Thermal protection
All outputs disabled when internal temperature exceeds safe operating
Maximum load
12 V up to 1200 W
Maximum load
48 V up to 1300 W
Maximum load
5.0 V Aux up to 2.5 W
Maximum load capacitance
1000 µF per 12 V output
100 µF per 48 V output
Specifications


Similar Description - A-BBBBCDE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com