Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3Z-G82-M3J0.3M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3Z-G82-M3J0.3M
Description  Grooved-type Photoelectric Sensor with Built-in Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-G82-M3J0.3M Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3Z-G82-M3J0.3M Datasheet HTML 1Page - Omron Electronics LLC E3Z-G82-M3J0.3M Datasheet HTML 2Page - Omron Electronics LLC E3Z-G82-M3J0.3M Datasheet HTML 3Page - Omron Electronics LLC E3Z-G82-M3J0.3M Datasheet HTML 4Page - Omron Electronics LLC E3Z-G82-M3J0.3M Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
E3Z-G
I/O Circuit Diagrams
NPN Output
PNP Output
No. of optical
axes/model
Operation
mode
Timing charts
Operation
selector
Output circuit
1 axis
E3Z-G61
E3Z-G61-M3J
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
2 axes
E3Z-G62
E3Z-G62-M3J
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
Control output
Output transistor
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Load
(e.g., relay)
(Between brown and black leads)
4
3
(S1)
0V
ZD
1
1
2
4
3
e-CON Connector Pin Arrangement
1
2
3
4
Connector Pin Arrangement
Pin 2 is not used.
12 to 24 VDC
Brown
Black
(Control output)
Blue
100mA
max.
Operation
indicator
(orange)
Load
(relay)
Photo-
electric
Sensor
Main
Circuit
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Load
(e.g., relay)
(Between brown and black leads)
Control output
Output transistor
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Load
(e.g., relay)
Control output
Output transistor
(Between brown
and black (white) leads)
e-CON Connector Pin Arrangement
1
2
3
4
(S1)
(S2)
4
3
1
0 V
ZD
2
White
ZD
1
2
4
3
Connector Pin Arrangement
12 to 24 VDC
Brown
Black
(Control output)
Blue
100mA
max.
Operation
indicator
S1
(orange)
Operation
indicator
S2
(orange)
Load
(relay)
100mA
max.
Load
(relay)
(Control
output)
Photo-
electric
Sensor
Main
Circuit
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Load
(e.g., relay)
(Between brown
and black (white) leads)
Control output
Output transistor
No. of optical
axes/model
Operation
mode
Timing charts
Operation
selector
Output circuit
1 axis
E3Z-G81
E3Z-G81-M3J
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
2 axes
E3Z-G82
E3Z-G82-M3J
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Load
(e.g., relay)
(Between blue and black leads)
Control output
Output transistor
1
2
4
3
4
1
3
0 V
ZD
Connector Pin Arrangement
Pin 2 is not used.
12 to 24 VDC
Brown
Black
(Control output)
Blue
100mA
max.
Operation
indicator
(orange)
Load
(relay)
Photo-
electric
Sensor
Main
Circuit
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Load
(e.g., relay)
(Between blue and black leads)
Control output
Output transistor
(Between blue and
black (white) leads)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Load
(e.g., relay)
Control output
Output transistor
2
3
1
4
1
2
4
3
0 V
ZD
ZD
White
Connector Pin Arrangement
12 to 24 VDC
Brown
Black
(Control output)
Blue
100mA
max.
Operation
indicator
S1
(orange)
Operation indicator
S2
(orange)
Load
(relay)
100mA
max.
Load
(relay)
(Control
output)
Photo-
electric
Sensor
Main
Circuit
(Between blue and
black (white) leads)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Load
(e.g., relay)
Control output
Output transistor


Similar Part No. - E3Z-G82-M3J0.3M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-G82 OMRON-E3Z-G82 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-G82 OMRON-E3Z-G82 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E3Z-G82-M3J0.3M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3T OMRON-E3T Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com