Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-FD11N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3T-FD11N
Description  Subminiature Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-FD11N Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3T-FD11N Datasheet HTML 1Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 2Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 3Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 4Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 5Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 6Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 7Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 8Page - Omron Electronics LLC E3T-FD11N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
E3T
E3T
2
J
ACCESSORIES (ORDER SEPARATELY)
Slits (Apertures)
Slits for sensor models
Slit width
Sensing distance
Minimum sensing object (typical) Comments
Part number
E3T-ST1j
0.5 dia.
50 mm
0.5 mm wide
One each for Emitter
d R
i
E39-S63
3 S j
1dia.
100 mm
1mm wide
and Receiver
Slits for sensor models
Slit width
Sensing distance
Minimum sensing object (typical) Comments
Part number
E3T-FT1j
0.5 dia.
50 mm
0.5 mm wide
One each for Emitter
d R
i
E39-S64
3
j
1dia.
100 mm
1mm wide
and Receiver
Reflectors
Item
Sensing distance
Minimum sensing object (typical)
Part number
Compact retroreflective model
10 to 200 mm
2mm wide
E39-R4
(See Note.)
10 to 100 mm
E39-R37
Note: E39-R4 reflector included with the E3T-SR1j (can also be ordered separately).
Adjustable Aperture
For sensor models
Appearance
Part number
E3T-ST1j
E39-E10
Mounting Brackets
For sensor models
Appearance
Comments
Part number
E3T-Sj
Two mounting brackets are required for through-beam
models.
E39-L116
E39-L117
E39-L118
E3T-Fj
E39-L119
E39-L120


Similar Part No. - E3T-FD11N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FD11 OMRON-E3T-FD11 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FD11 OMRON-E3T-FD11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-FD112M OMRON-E3T-FD112M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FD112M OMRON-E3T-FD112M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-FD11M OMRON-E3T-FD11M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-FD11N

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com