Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV020 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27BV020
Description  2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV020 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27BV020 Datasheet HTML 1Page - ATMEL Corporation AT27BV020 Datasheet HTML 2Page - ATMEL Corporation AT27BV020 Datasheet HTML 3Page - ATMEL Corporation AT27BV020 Datasheet HTML 4Page - ATMEL Corporation AT27BV020 Datasheet HTML 5Page - ATMEL Corporation AT27BV020 Datasheet HTML 6Page - ATMEL Corporation AT27BV020 Datasheet HTML 7Page - ATMEL Corporation AT27BV020 Datasheet HTML 8Page - ATMEL Corporation AT27BV020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AT27BV020
2
Atmel’s innovative design techniques provide fast speeds
that rival 5V parts while keeping the low power consump-
tion of a 3V supply. At V
CC = 2.7V, any by te can be
accessed in less than 90 ns. With a typical power dissipa-
tion of only 18 mW at 5 MHz and V
CC = 3V, the AT27BV020
consumes less than one fifth the power of a standard 5V
EPROM. Standby mode supply current is typically less than
1
µA at 3V. The AT27BV020 simplifies system design and
stretches battery lifetime even further by eliminating the
need for power supply regulation
The AT27BV020 is available in industry standard JEDEC
approved one-time programmable (OTP) plastic PLCC,
TSOP and VSOP packages, as well as a 42-ball, 1 mm
pitch, plastic chip-scale Ball Grid Array package (CBGA).
All devices feature two-line control (CE, OE) to give design-
ers the flexibility to prevent bus contention.
The AT27BV020 operating with V
CC at 3.0V produces TTL
level outputs that are compatible with standard TTL logic
devices operating at V
CC = 5.0V. At VCC = 2.7V, the part is
compatible with JEDEC approved low voltage battery oper-
ation (LVBO) interface specifications. The device is also
capable of standard 5-volt operation making it ideally suited
for dual supply range systems or card products that are
pluggable in both 3-volt and 5-volt hosts.
Atmel's AT27BV020 has additional features to ensure high
quality and efficient production use. The Rapid
Program-
ming Algorithm reduces the time required to program the
part and guarantees reliable programming. Programming
time is typically only 100
µs/byte. The Integrated Product
Identification Code electronically identifies the device and
manufacturer. This feature is used by industry standard
programming equipment to select the proper programming
algorithms and voltages. The AT27BV020 programs
exactly the same way as a standard 5V AT27C020 and
uses the same programming equipment.
System Considerations
Switching between active and standby conditions via the
Chip Enable pin may produce transient voltage excursions.
Unless accommodated by the system design, these tran-
sients may exceed data sheet limits, resulting in device
non-conformance. At a minimum, a 0.1
µF high frequency,
low inherent inductance, ceramic capacitor should be uti-
lized for each device. This capacitor should be connected
between the VCC and Ground terminals of the device, as
close to the device as possible. Additionally, to stabilize the
supply voltage level on printed circuit boards with large
EPROM arrays, a 4.7
µF bulk electrolytic capacitor should
be utilized, again connected between the V
CC and Ground
terminals. This capacitor should be positioned as close as
possible to the point where the power supply is connected
to the array.


Similar Part No. - AT27BV020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV020 ATMEL-AT27BV020 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90JI ATMEL-AT27BV020-90JI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90JU ATMEL-AT27BV020-90JU Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TI ATMEL-AT27BV020-90TI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TU ATMEL-AT27BV020-90TU Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results

Similar Description - AT27BV020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV256 ATMEL-AT27BV256_07 Datasheet
420Kb / 15P
   256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
   4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV256 ATMEL-AT27BV256 Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com