Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX470 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # EE-SX470
Description  Slot-type Photomicrosensor (Non-modulated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX470 Datasheet(HTML) 6 Page - Omron Electronics LLC

  EE-SX470 Datasheet HTML 1Page - Omron Electronics LLC EE-SX470 Datasheet HTML 2Page - Omron Electronics LLC EE-SX470 Datasheet HTML 3Page - Omron Electronics LLC EE-SX470 Datasheet HTML 4Page - Omron Electronics LLC EE-SX470 Datasheet HTML 5Page - Omron Electronics LLC EE-SX470 Datasheet HTML 6Page - Omron Electronics LLC EE-SX470 Datasheet HTML 7Page - Omron Electronics LLC EE-SX470 Datasheet HTML 8Page - Omron Electronics LLC EE-SX470 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EE-SX47/67
Dimensions
(Unit: mm)
Sensors
19
13.4
5
13.8
9
13.2
6.2
5.5
3.8
2.54
Indicator window
25.4
19
6.95
Four, R1
6.4
0.8
2
0.3
0.7
Optical
axis
3
2
4
1
Two, 3.2 dia.
holes
Two,
3.8 dia.
holes
8.4
EE-SX670/670P
EE-SX670A/670R
EE-SX470/470P
Terminal Arrangement
* Pin 2 is not used for the EE-SX470.
(1)
Vcc
(2)
L
L*
(3)
OUT
OUTPUT
(4)
GND (0 V)
19
19
26.2
Four, R2
Two, 3.2 dia. holes
Four, R1
13.4
13
13.4
5
13
9
2.54
3
14.5
6.2
8.3
7.2
3.2
3
3.8
9
3.6
2.1
0.7
6.2
0.6
0.3
2
7.2
15.5
0.8
Optical axis
Indicator window
6.95
6.35
3
2
4
1
EE-SX671/671P
EE-SX671A/671R
EE-SX471/471P
Terminal Arrangement
* Pin 2 is not used for the EE-SX471.
(1)
Vcc
(2)
L
L*
(3)
OUT
OUTPUT
(4)
GND (0 V)
19
Four, R1
Four, R1.6
13.4
5
13.7
3
7
13
2.54
22.2
6.2
9
3
12.6
26
6.4
6.3
3.8
8.4
2.5
2
13
6.2
6.3
0.8
2.5
4.3
Optical axis
Indicator window
0.3
0.7
2
3
1
4
EE-SX672/672P
EE-SX672A/672R
EE-SX472/472P
Terminal Arrangement
* Pin 2 is not used for the EE-SX472.
(1)
Vcc
(2)
L
L*
(3)
OUT
OUTPUT
(4)
GND (0 V)
13.4
5
7
2.54
22.2
6.2
9
12.8
6.3
3.5
(6.65)
14.4
3.8
2.8
4.9
2
0.8
Optical axis
Indicator window
0.3
0.7
3
2
4
1
Two, 3.2 dia. holes
Two, R1
EE-SX673/673P
EE-SX673A/673R
EE-SX473/473P
Terminal Arrangement
* Pin 2 is not used for the EE-SX473.
(1)
Vcc
(2)
L
L*
(3)
OUT
OUTPUT
(4)
GND (0 V)
6


Similar Part No. - EE-SX470

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX470 OMRON-EE-SX470 Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
EE-SX470P OMRON-EE-SX470P Datasheet
1Mb / 12P
   Global Standard Slot-type photomicrosensors with 50- to 100-mA direct switching capacity.
More results

Similar Description - EE-SX470

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX772 OMRON-EE-SX772 Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable (Non-modulated)
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
   Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
   Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SPY30 OMRON-EE-SPY30 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
2012.8
EE-SPY402 OMRON-EE-SPY402 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
   Photomicrosensor
EE-SPY415 ETC1-EE-SPY415 Datasheet
214Kb / 3P
   Photomicrosensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com