Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-T15YR Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E32-T15YR
Description  Fiber Sensors Best Selection Catalog
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T15YR Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E32-T15YR Datasheet HTML 6Page - Omron Electronics LLC E32-T15YR Datasheet HTML 7Page - Omron Electronics LLC E32-T15YR Datasheet HTML 8Page - Omron Electronics LLC E32-T15YR Datasheet HTML 9Page - Omron Electronics LLC E32-T15YR Datasheet HTML 10Page - Omron Electronics LLC E32-T15YR Datasheet HTML 11Page - Omron Electronics LLC E32-T15YR Datasheet HTML 12Page - Omron Electronics LLC E32-T15YR Datasheet HTML 13Page - Omron Electronics LLC E32-T15YR Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
Features/Applications
■ Overview of Model Variations
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Applications
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
Equipped with large lens
20,000
E32-T17L
Side-view, screw mounting
3,400
E32-T14
M4 screw
1,330
E32-T11L
Equipped with large lens
700
E32-D16
M6 screw
400
E32-D11L
■ Applications
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
1-dia. cylinder
130
E32-T223R
0.5-dia. sleeve (0.25-dia. opening)
44
E32-T33-S5
0.22-dia. sleeve (0.1-dia. opening)
5
E32-T334-S5
0.8-dia. sleeve
16
E32-D33
0.5-dia. sleeve
3
E32-D331
Special-beam Models
Long Distance, High Power
• Powerful beam reduces influence of dust and dirt.
• Long sensing distance enables use in large-scale
installations.
E32-T14
E32-T11L
E32-T17L
Detecting parts inside (trans-
lucent) containers
Detecting workpieces in
coating processes
Ambient tempera-
ture range
−40°C to 70°C (no icing or condensation)
Fiber material
Plastic
Ultracompact, Ultrafine Sleeve
E32-T223R
E32-T334-S5
E32-D33
1 dia.
0.5 dia.
0.22
dia.
3 dia.
3 dia.
• Ultracompact head can be installed in tight spaces.
• Ultrafine sleeve ensures reliable detection of small
objects, such as electronic components.
E32-D33
E32-T33-S5
Alignment
inspections
Detection of terminals
Min. sensing object
0.005-mm dia.
Ambient temperature
range
−40°C to 70°C (no icing or condensation)
Material
Plastic


Similar Part No. - E32-T15YR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T15YR OMRON-E32-T15YR Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-T15YR OMRON-E32-T15YR Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
More results

Similar Description - E32-T15YR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
KS1AA1T OMRON-KS1AA1T Datasheet
6Mb / 25P
   Static Sensors and Ionizers Series Catalog
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
   Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com