Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX870A2M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # EE-SX870A2M
Description  Photomicrosensor with Slim Cable (Non-modulated)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX870A2M Datasheet(HTML) 3 Page - Omron Electronics LLC

  EE-SX870A2M Datasheet HTML 1Page - Omron Electronics LLC EE-SX870A2M Datasheet HTML 2Page - Omron Electronics LLC EE-SX870A2M Datasheet HTML 3Page - Omron Electronics LLC EE-SX870A2M Datasheet HTML 4Page - Omron Electronics LLC EE-SX870A2M Datasheet HTML 5Page - Omron Electronics LLC EE-SX870A2M Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EE-SX77/87
3
Engineering Data (Reference Value)
I/O Circuit Diagrams
NPN Output
Sensing Position Characteristics
Sensing Position Characteristics
Repeated Sensing Position
Characteristics
EE-SX770
Tr ON
Tr OFF
0
1.0
2.0
3.0
4.0
5.0
6.0
Distance d (mm)
d
Tr ON
Tr OFF
0
1.0
2.0
3.0
4.0
5.0
6.0
Distance d (mm)
d
Tr OFF
Tr 0/V
2.16
2.18
2.20
2.22
Distance d (mm)
d
d = ±0.002 mm
Vcc = 24 V
No. of repetitions: 20, Ta = 25
°C
Note: The data applies to dark status. Operation
may be affected by external light
interference or light coming through the
sensing object.
Model
Output
configuration
Timing charts
Output circuit
EE-SX770
EE-SX771
EE-SX772
Dark-ON
EE-SX870
EE-SX871
EE-SX872
Light-ON
EE-SX770A
EE-SX771A
EE-SX772A
Dark-ON
EE-SX870A
EE-SX871A
EE-SX872A
Light-ON
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator (red)
Output transistor
Load (e.g., relay)
Light indicator
(red)
Load
Main
circuit
Blue (GND)
Brown (Vcc)
Black (OUT)
(control output)
100 mA max.
5 to 24 VDC
4
3
1
Light indicator (red)
Output transistor
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Load (e.g., relay)
Output transistor
Load (e.g., relay)
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator (red)
Light indicator
(red)
Load
Main
circuit
Blue (GND)
Brown (Vcc)
Black (OUT)
(control output)
100 mA max.
5 to 24 VDC
4
3
1
Light indicator (red)
Output transistor
Load (e.g., relay)
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases


Similar Part No. - EE-SX870A2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX870A2M OMRON-EE-SX870A2M Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable
More results

Similar Description - EE-SX870A2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX675 OMRON-EE-SX675 Datasheet
470Kb / 9P
   Slot-type Photomicrosensor (Non-modulated)
EE-SX771A OMRON-EE-SX771A Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
   Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
   Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
   Photomicrosensor
EE-SPY415 ETC1-EE-SPY415 Datasheet
214Kb / 3P
   Photomicrosensor
logo
Omron Electronics LLC
EE-SA401-P2 OMRON-EE-SA401-P2 Datasheet
129Kb / 3P
   Photomicrosensor
EE-SY671 OMRON-EE-SY671 Datasheet
430Kb / 7P
   Reflective Photomicrosensor with Sensitivity Adjuster
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com