Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3J-S403BL Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3J-S403BL
Description  Soft-start Solid State Contactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3J-S403BL Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3J-S403BL Datasheet HTML 1Page - Omron Electronics LLC G3J-S403BL Datasheet HTML 2Page - Omron Electronics LLC G3J-S403BL Datasheet HTML 3Page - Omron Electronics LLC G3J-S403BL Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CSM_G3J-S_DS_E_2_1
Soft-start Solid State Contactors
G3J-S
Soft-start Function Starts Motors Smoothly
and Economically
• The soft-start function allows a smooth startup of motors by
holding down the starting current, and functions like an inverter.
• Harmonized protection with thermal overload relays complying
with IEC 947-4-1 (Class 10A/10); can be used like a standard
contactor.
• Comply with UL, CSA, IEC, and JEM requirements.
• Mount with screws or to DIN tracks.
• Compact monoblock construction (W: 80
× H: 100 × D: 100 mm)
with a heat sink.
• Snubber circuit and varistor are built-in.
• Operation indicator.
Refer to Safety Precautions for All Solid State
Relays.
Model Number Structure
■ Model Number Legend
1. Basic Model Name
G3J:
Solid State Contactor
2. Load Power Supply
Blank:
AC output
3. Functions
S:
Soft-start function
4. Rated Load Power Supply Voltage
2:
200 VAC
4:
400 VAC
5. Rated Load Current
11:
11.1 A (200-V models)
05:
4.8 A (200-V models), 5.5 A (400-V models)
03:
2.4 A (400-V) models
6. Terminal Type
B:
Screw terminals
7. Zero Cross Function
L:
Not equipped with zero cross function
Appearance
12 3 4 5 6 7
G3J-
@@@@@@
Output terminals (power supply)
Input terminals
Operation indicator
Initial torque setting adjuster (default setting: 200%)
Ramp-up time setting adjuster (default setting: 1 s)
Output terminals (load)


Similar Part No. - G3J-S403BL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3J-S403BL OMRON-G3J-S403BL Datasheet
287Kb / 4P
   Soft-start Function Starts Motors Smoothly and Economically
More results

Similar Description - G3J-S403BL

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP CRYDOM-3RHP Datasheet
431Kb / 2P
   Hybrid Solid State Contactors
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
   Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
   Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
532049 FESTO-532049 Datasheet
86Kb / 2P
   Soft start valve
4/1/22
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
   Programmable Soft-Start
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com