Electronic Components Datasheet Search |
|
A22Z-3003 Datasheet(PDF) 1 Page - Omron Electronics LLC |
|
A22Z-3003 Datasheet(HTML) 1 Page - Omron Electronics LLC |
1 / 19 page Complete Assemblies 30 Specifications Common to All A22/M22 The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch H A22 H A22S/W H A22K H M22 Specifications J APPROVED STANDARDS Recognized organization Standards File No. UL, cUL (See note) UL508 E41515 ASTA EN60947-5-1 — Note: UL: CSA C22 No. 14 J RATINGS Contacts (General-purpose Load) Rated carry Rated l Rated current (A) y current voltage Utilization category AC15 (inductive load) AC12 (resistive load) DC13 (inductive load) DC12 (resistive load) 10 amps 24 VAC 10 10 — — p 110 VAC 5 10 220 VAC 3 6 380 VAC 2 3 440 VAC 1 2 24 VDC — — 1.5 10 110 VDC 0.5 2 220 VDC 0.2 0.6 380 VDC 0.1 0.2 Note: 1. Rated current values are determined according to the testing conditions specified by JIS C4520. The above ratings were obtained by conducting tests under the following conditions as specified by JIS C4505. (1) Ambient temperature: 20°±2°C (2) Ambient humidity: 65±5% (3) Operating frequency: 20 operations/min 2. Minimum applied load: 10 mA, 5 VDC Contacts (Microload) Rated applied load Minimum applied load 50 mA, 5 VDC (Resistive load) 1mA, 5VDC LED Indicators without Transformer Rated voltage Rated current Operating voltage 6VDC 60 mA 6VDC±5% 6VAC 60 mA 6VAC/DC±5% 12 VAC/DC 30 mA 12 VAC/DC±5% 24 VAC/DC 15 mA 24 VAC/DC±5% |
Similar Part No. - A22Z-3003 |
|
Similar Description - A22Z-3003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |