Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX672 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # EE-SX672
Description  Slot-type Photomicrosensor (Non-modulated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX672 Datasheet(HTML) 5 Page - Omron Electronics LLC

  EE-SX672 Datasheet HTML 1Page - Omron Electronics LLC EE-SX672 Datasheet HTML 2Page - Omron Electronics LLC EE-SX672 Datasheet HTML 3Page - Omron Electronics LLC EE-SX672 Datasheet HTML 4Page - Omron Electronics LLC EE-SX672 Datasheet HTML 5Page - Omron Electronics LLC EE-SX672 Datasheet HTML 6Page - Omron Electronics LLC EE-SX672 Datasheet HTML 7Page - Omron Electronics LLC EE-SX672 Datasheet HTML 8Page - Omron Electronics LLC EE-SX672 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EE-SX47/67
PNP Output
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
● Operating Environment
These Photomicrosensors have an IP50 (conforms to IEC) enclosure
and do not have a water-proof or dust-proof structure. Therefore, do
not use them in applications in which the sensor will be subjected to
splashes from water, oil, or any other liquid. Liquid entering the
Sensor may result in malfunction.
Make sure that this product is used within the rated ambient environment conditions.
● Installation
• When direct soldering to the terminals, use the following guidelines.
Soldering Conditions
• The terminal base uses a polycarbonate resin, which could be deformed by
excessive soldering heat, resulting in damage to the product's functionality.
● Lot Number and Model Number Legend
In the following diagrams, X43M
indicates the lot number and factory
where the product was
manufactured. Do not include this
code with the model number when
ordering.
Model
Output
configuration
Timing charts
Terminal
connections
Output circuit
EE-SX67
@P
EE-SX67
@P-WR
EE-SX67
@P-CJ1-R
Light-ON
Short-circuited
between
terminal and
positive
terminal
Dark-ON
Open between
terminal and
positive
terminal
EE-SX670R
EE-SX671R
EE-SX672R
EE-SX673R
EE-SX674R
Light-ON
Short-circuited
between
terminal and
positive
terminal
Dark-ON
Open between
terminal and
positive
terminal
EE-SX470P
EE-SX471P
EE-SX472P
EE-SX473P
EE-SX474P
Light-ON
---
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(relay)
L
5 to
24 VDC
Load
Main
circuit
L
OUT
IC
Light indicator
(red)
*
*The terminal arrangement depends on the model.
Check the demensional diagrams.
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(relay)
5 to
24 VDC
Load
Main
circuit
OUT
IC
Light indicator (red)
WARNING
Precautions for Safe Use
Precautions for Correct Use
Item
Temper-
ature
Permissible
time
Remarks
Soldering
iron
350°C
max.
3 s
max.
The portion between the base of
the terminals and the position
1.5 mm from the terminal base
must not be soldered.
EE-SX670
Lot number and factory code
Model number
X43M
EE-SX
@70@
5


Similar Part No. - EE-SX672

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX672 OMRON-EE-SX672 Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
EE-SX672A OMRON-EE-SX672A Datasheet
182Kb / 8P
   Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
EE-SX672A OMRON-EE-SX672A Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
EE-SX672R OMRON-EE-SX672R Datasheet
182Kb / 8P
   Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
EE-SX672R OMRON-EE-SX672R Datasheet
1Mb / 12P
   Global Standard Slot-type photomicrosensors with 50- to 100-mA direct switching capacity.
More results

Similar Description - EE-SX672

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX772 OMRON-EE-SX772 Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable (Non-modulated)
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
   Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
   Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SPY30 OMRON-EE-SPY30 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
2012.8
EE-SPY402 OMRON-EE-SPY402 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
   Photomicrosensor
EE-SPY415 ETC1-EE-SPY415 Datasheet
214Kb / 3P
   Photomicrosensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com