Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX672A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX672A
Description  Slot-type Photomicrosensor (Non-modulated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX672A Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX672A Datasheet HTML 1Page - Omron Electronics LLC EE-SX672A Datasheet HTML 2Page - Omron Electronics LLC EE-SX672A Datasheet HTML 3Page - Omron Electronics LLC EE-SX672A Datasheet HTML 4Page - Omron Electronics LLC EE-SX672A Datasheet HTML 5Page - Omron Electronics LLC EE-SX672A Datasheet HTML 6Page - Omron Electronics LLC EE-SX672A Datasheet HTML 7Page - Omron Electronics LLC EE-SX672A Datasheet HTML 8Page - Omron Electronics LLC EE-SX672A Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EE-SX47/67
EE-SX47/67
Pre-wired Models, Models with Connectors
* These models can be used as Dark-ON when the L terminal is left unconnected or as Light-ON when the L terminal and positive (+) terminal are connected to each other.
Accessories (Order Separately) Connector Models
Refer to Accessories for details.
Accessories (Order Separately) Models with Connectors
Appearance
Sensing
method
Sensing distance
Output
configura-
tion
Indicator
mode
Connecting
method
Model
NPN output
PNP output
Through-
beam
type
(with slot)
Dark-ON/
Light-ON
(selectable) *
Incident
light
Pre-wired
Models (1m)
EE-SX670-WR
EE-SX670P-WR
Models with
connectors (0.1m)
EE-SX670-C1J-R
EE-SX670P-C1J-R
Pre-wired
Models (1m)
EE-SX671-WR
EE-SX671P-WR
Models with
connectors (0.1m)
EE-SX671-C1J-R
EE-SX671P-C1J-R
Pre-wired
Models (1m)
EE-SX672-WR
EE-SX672P-WR
Models with
connectors (0.1m)
EE-SX672-C1J-R
EE-SX672P-C1J-R
Pre-wired
Models (1m)
EE-SX673-WR
EE-SX673P-WR
Models with
connectors (0.1m)
EE-SX673-C1J-R
EE-SX673P-C1J-R
Pre-wired
Models (1m)
EE-SX674-WR
EE-SX674P-WR
Models with
connectors (0.1m)
EE-SX674-C1J-R
EE-SX674P-C1J-R
Pre-wired
Models (1m)
EE-SX675-WR
EE-SX675P-WR
Models with
connectors (0.1m)
EE-SX675-C1J-R
EE-SX675P-C1J-R
Pre-wired
Models (1m)
EE-SX676-WR
EE-SX676P-WR
Models with
connectors (0.1m)
EE-SX676-C1J-R
EE-SX676P-C1J-R
Pre-wired
Models (1m)
EE-SX677-WR
EE-SX677P-WR
Models with
connectors (0.1m)
EE-SX677-C1J-R
EE-SX677P-C1J-R
Type
Cable
length
Model
Remarks
Connector
EE-1001
EE-1001-1
L terminal and positive (+) terminal are already short-circuited.
EE-1009
Connector with Cable
1 m
EE-1006
EE-1010
2 m
EE-1006
EE-1010
Connector with Robot
Cable
1 m
EE-1010-R
2 m
EE-1010-R
Connector Hold-down Clip
EE-1006A
For EE-1006 only.
Type
Cable
length
Model
Remarks
Connector with Robot Cable
2 m
EE-1016-R-1
For EE-SX67
@-C1J-R only.
Infrared light
Standard
5 mm
(slot width)
L-shaped
T-shaped,
slot center
7 mm
Close-
mounting
Close-
mounting
T-shaped,
slot center
10 mm
F-shaped
R-shaped
2


Similar Part No. - EE-SX672A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX672A OMRON-EE-SX672A Datasheet
182Kb / 8P
   Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
EE-SX672A OMRON-EE-SX672A Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
More results

Similar Description - EE-SX672A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX772 OMRON-EE-SX772 Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable (Non-modulated)
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
   Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
   Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SPY30 OMRON-EE-SPY30 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
2012.8
EE-SPY402 OMRON-EE-SPY402 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
   Photomicrosensor
EE-SPY415 ETC1-EE-SPY415 Datasheet
214Kb / 3P
   Photomicrosensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com