Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

812012 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 812012
Description  EC Safety Data Sheet
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

812012 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  812012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 812012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 812012 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EC Safety Data Sheet according to Directive 1907/2006
Page: 3(3)
Trade name: Solder-wire KS 115 FLOWTIN ® TSC
Date of issue: 15.12.2005
Revised on: 24.05.2011
Date of print: 08.11.2011
15. Legal regulations:
Labelling information:
The product is classified and labelled according to the EC Directives.
Not subject to current legislation
Water hazard class:
WGK 1 (weakly water-endangering)
Classification according to the TA Luft:
Organic materials class III; whole-carbon-concentration: Max. acceptable
Emission50 mg/m^3 (mass-flow-rate >= 0,5 kg/h)
Ingredients:
Tin, copper,silver, resin
16. Further information
R-phrases point 3:------------------------------
n.k.: not known
n.a.: not applicable
Other information
This statement is based on our current knowledge and offers no assurance of product properties.


Similar Part No. - 812012

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8120122 FIBOX-8120122 Datasheet
91Kb / 3P
   Cabinet, PC
10.01.2023
8120122N FIBOX-8120122N Datasheet
85Kb / 3P
   Cabinet, PC
8120125 FIBOX-8120125 Datasheet
171Kb / 2P
   Cabinet, PC
8120125N FIBOX-8120125N Datasheet
147Kb / 3P
   Cabinet, PC
24.07.2023
8120126 FIBOX-8120126 Datasheet
69Kb / 2P
   Cabinet, PC
More results

Similar Description - 812012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
LFEC LATTICE-LFEC Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC LATTICE-LFEC_05 Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
30001 ETC2-30001 Datasheet
32Kb / 2P
   MATERIAL SAFETY DATA SHEET
logo
NTE Electronics
PL1816-NTE NTE-PL1816-NTE Datasheet
32Kb / 7P
   MATERIAL SAFETY DATA SHEET
RX1100-10 NTE-RX1100-10 Datasheet
34Kb / 6P
   MATERIAL SAFETY DATA SHEET
logo
Laird Tech Smart Techno...
SNL60-RXP LSTD-SNL60-RXP Datasheet
62Kb / 4P
   Material Safety Data Sheet
1KA LSTD-1KA Datasheet
175Kb / 4P
   material safety data sheet
logo
NTE Electronics
RX2600-6 NTE-RX2600-6 Datasheet
38Kb / 6P
   MATERIAL SAFETY DATA SHEET
RX7000 NTE-RX7000 Datasheet
57Kb / 3P
   MATERIAL SAFETY DATA SHEET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com