Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2RL-14 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G2RL-14
Description  PCB Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RL-14 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G2RL-14 Datasheet HTML 1Page - Omron Electronics LLC G2RL-14 Datasheet HTML 2Page - Omron Electronics LLC G2RL-14 Datasheet HTML 3Page - Omron Electronics LLC G2RL-14 Datasheet HTML 4Page - Omron Electronics LLC G2RL-14 Datasheet HTML 5Page - Omron Electronics LLC G2RL-14 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PCB Relay
G2RL
223
■ Approved Standards
UL Recognized (File No. E41643) / CSA Certified (File No. LR31928) - - Ambient Temp. = 40
°C
Note: Consult Omron for additional UL / CSA ratings
VDE (EN61810-1) (License No. 119650)
Note: To achieve approved life cycles on sealed models, the relay should be vented by removing the “knock off vent nib” on top of relay case after
the soldering/washing process.
Electrical Life Data
Note: 1. The results shown reflect values measured using very severe test conditions i.e., Duty: 1 s ON/1 s OFF.
2. In order to obtain the full rated life cycles on the fully sealed models, the relay should be properly vented by removing the “knock off vent
nib” on top of the relay case after the soldering/washing process.
3. Electrical endurance will vary depending on the test conditions. Contact your OMRON representative if you require more detailed
information for the electrical endurance under your test conditions.
Model
Contact form
Coil ratings
Contact ratings
G2RL-1A
SPST-NO
3 to 48 VDC
12 A at 250 VAC (General use)
G2RL-1
SPDT
12 A at 24 VDC (Resistive)
G2RL-1A-E
SPST-NO
3 to 48 VDC
16 A at 250 VAC (General use)
G2RL-1-E
SPDT
16 A at 24 VDC (Resistive)
G2RL-1A-H
SPST-NO
5 to 24 VDC
10 A at 250 VAC (General use)
10 A at 24 VDC (Resistive)
G2RL-1-H
SPDT
G2RL-2A
DPST-NO
3 to 48 VDC
8 A at 277 VAC (General use)
8 A at 30 VDC (Resistive)
G2RL-2
DPDT
Model
Contact form
Coil ratings
Contact ratings
G2RL-1(A)
1 pole
5, 12, 18, 22, 24, 48 VDC
12 A at 250 VAC (cos
φ=1)
12 A at 24 VDC (L/R=0 ms)
AC15: 3 A at 240 VAC
DC13: 2.5 A at 24 VDC, 50 ms
G2RL-1(A)-E
1 pole
5, 12, 18, 22, 24, 48 VDC
16 A at 250 VAC (cos
φ=1)
16 A at 24 VDC (L/R=0 ms)
AC15:
3 A at 240 VAC (NO)
1.5 A at 240 VAC (NC)
DC13:
2.5 A at 24 VDC (NO), 50 ms
G2RL-1(A)-H
1 pole
5, 9, 12, 24 VDC
10 A at 250 VAC (cos
φ=1)
10 A at 24 VDC (L/R=0 ms)
G2RL-2(A)
2 poles
5, 12, 18, 22, 24, 48 VDC
8 A at 250 VAC (cos
φ=1)
8 A at 24 VDC (L/R=0 ms)
AC15:
1.5 A at 240 VAC
DC13:
2 A at 30 VDC, 50 ms
G2RL-1-E
16 A at 250 VAC (cos
φ=1)
30,000 operations min.
16 A at 24 VDC
30,000 operations min.
8 A at 250 VAC (cos
φ=0.4)
200,000 operation min. (normally open side operation)
8 A at 30 VDC (L/R=7 ms)
10,000 operation min. (normally open side operation)
G2RL-1
12 A at 250 VAC (cos
φ=1)
50,000 operations min.
12 A at 24 VDC
30,000 operations min.
5 A at 250 VAC (cos
φ=0.4)
150,000 operation min. (normally open side operation)
5 A at 30 VDC (L/R=7 ms)
20,000 operation min. (normally open side operation)
G2RL-1-H
10 A at 250 VAC (cos
φ=1)
100,000 operations min.
10 A at 24 VDC
50,000 operations min.
G2RL-2
8 A at 250 VAC (cos
φ=1)
30,000 operations min.
8 A at 30 VDC
30,000 operations min.


Similar Part No. - G2RL-14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL-14 OMRON-G2RL-14 Datasheet
946Kb / 8P
   PCB Relay
G2RL-14 OMRON-G2RL-14 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-14 OMRON-G2RL-14 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-14 OMRON-G2RL-14 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-14 OMRON-G2RL-14 Datasheet
1Mb / 8P
   Low profile power relay with 15.7 mm height, ideal for incorporation in miniature equipments
More results

Similar Description - G2RL-14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com