Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6J-2FL-Y Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G6J-2FL-Y
Description  Surface-mounting Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6J-2FL-Y Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G6J-2FL-Y Datasheet HTML 4Page - Omron Electronics LLC G6J-2FL-Y Datasheet HTML 5Page - Omron Electronics LLC G6J-2FL-Y Datasheet HTML 6Page - Omron Electronics LLC G6J-2FL-Y Datasheet HTML 7Page - Omron Electronics LLC G6J-2FL-Y Datasheet HTML 8Page - Omron Electronics LLC G6J-2FL-Y Datasheet HTML 9Page - Omron Electronics LLC G6J-2FL-Y Datasheet HTML 10Page - Omron Electronics LLC G6J-2FL-Y Datasheet HTML 11Page - Omron Electronics LLC G6J-2FL-Y Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Surface-mounting Relay
G6J-Y
51
Recommended Soldering Method
IRS Method (for Surface-mounting Terminal Relays)
Note: Temperatures are given for the surface of the terminal.
• The thickness of cream solder to be applied should be between
150 and 200
μm on OMRON's recommended PCB pattern.
• In order to perform correct soldering, it is recommended that the
correct soldering conditions be maintained as shown below on the
left-hand side.
Visually check that the Relay is properly soldered.
■ Approved Standards
UL Recognized (File No. E41515) / CSA Certified (File No. LR31928) - - Ambient Temp. = 40
°C
Surface of the
relay terminal
250 max.
230
180
150
Preheating
Time (s)
120 max.
30 max.
Soldering
Top of cover (Peak): 255
°C max.
Correct Soldering
Relay
Terminal
Solder
PCB
Land
Incorrect Soldering
Insufficient
amount of
solder
Excessive
amount of
solder
Contact form
Coil rating
Contact rating
Number of test operations
DPDT
G6J-2P-Y, 2FS-Y, 2FL-Y: 3 to 24 VDC
G6JU-2P-Y, 2FS-Y, 2FL-Y: 3 to 24 VDC
1 A at 30 VDC (Resistive)
0.5 A at 60 VDC (Resistive)
0.3 A at 125 VAC (General purpose)
6000


Similar Part No. - G6J-2FL-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6J-2FL-Y OMRON-G6J-2FL-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6J-2FL-Y OMRON-G6J-2FL-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J-2FL-Y OMRON-G6J-2FL-Y Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-2FL-Y OMRON-G6J-2FL-Y Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
G6J-2FL-Y-TR OMRON-G6J-2FL-Y-TR Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results

Similar Description - G6J-2FL-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6J-Y OMRON-G6J-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6J-2FS-Y-TRDC45 OMRON-G6J-2FS-Y-TRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J2PYDC12 OMRON-G6J2PYDC12 Datasheet
346Kb / 12P
   Surface-mounting Relay G6J-Y
logo
List of Unclassifed Man...
G6SU212DC ETC2-G6SU212DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY-G6S
G6SU2F5DC ETC2-G6SU2F5DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY - G6S
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Tyco Electronics
V23154 MACOM-V23154 Datasheet
357Kb / 9P
   Cradle Relay Accessories and Mounting
logo
Shindengen Electric Mfg...
D1UBA80 SHINDENGEN-D1UBA80 Datasheet
418Kb / 4P
   Surface Mounting Device
logo
Lumins Inc.
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
logo
List of Unclassifed Man...
5406AD ETC1-5406AD Datasheet
770Kb / 5P
   Surface Mounting LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com