Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6JU-2FL-Y Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6JU-2FL-Y
Description  Surface-mounting Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6JU-2FL-Y Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6JU-2FL-Y Datasheet HTML 1Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 2Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 3Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 4Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 5Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 6Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 7Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 8Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Surface-mounting Relay
G6J-Y
43
Surface-mounting Relay
G6J-Y
Ultra-compact and Slim DPDT Relay
• Dimensions of 9H x 5.7W x 10.6L mm provide a mounting
area reduction of approx. 56% when compared with the
OMRON G6S.
• Dielectric strength of 1,500 VAC and an impulse withstand
voltage of 2,500 V for 2 x 10
μs
(conforms to Telcordia specifications (formerly Bellcore)).
• Conforms to FCC Part 68 requirments (1,500 V,10 x 160
μs).
• Single-winding latching models to save energy.
• UL recognized / CSA certified.
• RoHS Compliant.
Ordering Information
.
Model Number Legend:
Application Examples
Communications equipment, measurement devices, computer peripheral devices, office automation equipment, and audio-visual products.
Item
Model
Terminal
Contact form
Non-latching
Single coil latching
PCB through-hole
DPDT
G6J-2P-Y
G6JU-2P-Y
SMT Gull-wing
G6J-2FL-Y
G6JU-2FL-Y
SMT Shortened leads
G6J-2FS-Y
G6JU-2FS-Y
Rated coil voltage
Note 1: When ordering, add the rated coil voltage to the model number.
Example: G6J-2P-Y DC12
Rated coil voltage
Note 2: When ordering tape packing, add “-TR” to the model number.
“-TR” is not part of the relay model number. Therefore it is not marked on the relay case.
Example: G6J-2P-Y-TR DC12
1. Relay Function
None: Non-latching, standard
U:
Single-winding latching
2. Contact Form
2:
DPDT
3. Terminal Shape
P:
PCB through-hole terminals
FL: SMT Gull-wing
FS: SMT shortened leads
4. Packaging
None: Tube packaging
TR:
Tape and reel packaging
9. Rated Coil Voltage
3, 4.5, 5, 12, 24
G6J
-
- Y -
DC
2
3
4
5
1


Similar Part No. - G6JU-2FL-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results

Similar Description - G6JU-2FL-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6J2FSYTRDC45 OMRON-G6J2FSYTRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J-Y OMRON-G6J-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6J2PYDC12 OMRON-G6J2PYDC12 Datasheet
346Kb / 12P
   Surface-mounting Relay G6J-Y
logo
List of Unclassifed Man...
G6SU212DC ETC2-G6SU212DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY-G6S
G6SU2F5DC ETC2-G6SU2F5DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY - G6S
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Tyco Electronics
V23154 MACOM-V23154 Datasheet
357Kb / 9P
   Cradle Relay Accessories and Mounting
logo
Shindengen Electric Mfg...
D1UBA80 SHINDENGEN-D1UBA80 Datasheet
418Kb / 4P
   Surface Mounting Device
logo
Lumins Inc.
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
logo
List of Unclassifed Man...
5406AD ETC1-5406AD Datasheet
770Kb / 5P
   Surface Mounting LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com