Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8P-1C4PDC6 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G8P-1C4PDC6
Description  PCB Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P-1C4PDC6 Datasheet(HTML) 5 Page - Omron Electronics LLC

  G8P-1C4PDC6 Datasheet HTML 1Page - Omron Electronics LLC G8P-1C4PDC6 Datasheet HTML 2Page - Omron Electronics LLC G8P-1C4PDC6 Datasheet HTML 3Page - Omron Electronics LLC G8P-1C4PDC6 Datasheet HTML 4Page - Omron Electronics LLC G8P-1C4PDC6 Datasheet HTML 5Page - Omron Electronics LLC G8P-1C4PDC6 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
246
G8P
G8P
Fully-Sealed Types/Unsealed Types
1.1
0.1 dia.
2.1
0.2 dia.
Terminal Arrangement/
Internal Connections
(Bottom View)
Mounting Holes (Bottom View)
Note: Pin #4 is omitted on G8P-1A4P/1A2P
G8P-1C4P/1A4P/1C2P/1A2P
1.1
0.1 dia.
2.1
0.2 dia.
Terminal Arrangement/
Internal Connections
(Bottom View)
Mounting Holes (Bottom View)
Note: Pin #4 is omitted on G8P-1A4TP/1A2TP
G8P-1C4TP/1A4TP/1C2TP/1A2TP
#250 Quick connect


Similar Part No. - G8P-1C4PDC6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P-1C4P OMRON-G8P-1C4P Datasheet
2Mb / 8P
   Power PCB Relay
G8P-1C4P OMRON-G8P-1C4P Datasheet
933Kb / 6P
   Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
G8P-1C4P OMRON-G8P-1C4P Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
More results

Similar Description - G8P-1C4PDC6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com