Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A165L-TRM-12-2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A165L-TRM-12-2
Description  Separate Construction with Cylindrical 16-dia. Body
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165L-TRM-12-2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  A165L-TRM-12-2 Datasheet HTML 1Page - Omron Electronics LLC A165L-TRM-12-2 Datasheet HTML 2Page - Omron Electronics LLC A165L-TRM-12-2 Datasheet HTML 3Page - Omron Electronics LLC A165L-TRM-12-2 Datasheet HTML 4Page - Omron Electronics LLC A165L-TRM-12-2 Datasheet HTML 5Page - Omron Electronics LLC A165L-TRM-12-2 Datasheet HTML 6Page - Omron Electronics LLC A165L-TRM-12-2 Datasheet HTML 7Page - Omron Electronics LLC A165L-TRM-12-2 Datasheet HTML 8Page - Omron Electronics LLC A165L-TRM-12-2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
A16
3
Ordering Information
Ordering as a Set .................The model numbers used to order sets of Units are given in the following tables. One set comprises the
Pushbutton, Lamp (lighted models only), Case, and Switch.
Solder Terminal Models
*1. Enter the desired color symbol for the Pushbutton in the
@.
*2. Black (“B”) Pushbuttons are only available for non-lighted models.
*1. Enter the desired color symbol for the Pushbutton in the
@.
*2. Black (“B”) Pushbuttons are only available for non-lighted models.
Item
Momentary operation
(Self-resetting)
Alternate operation
(Self-holding)
Pushbutton color
symbol *1
Output
Lighting
Operating
voltage
SPDT
LED without
Voltage
Reduction
Unit
5 VDC
A16L-J
@M-5D-1
A16L-J
@A-5D-1
R: red, Y: yellow
PY: pure yellow
G: green, A: blue
W: white
PW: pure white
12 VAC/VDC
A16L-J
@M-12D-1
A16L-J
@A-12D-1
24 VAC/VDC
A16L-J
@M-24D-1
A16L-J
@A-24D-1
Incandescent
lamp
5 VAC/VDC
A16L-J
@M-5-1
A16L-J
@A-5-1
R: red, Y: yellow
PY: pure yellow
G: green, W: white
A: blue
B: black *2
12 VAC/VDC
A16L-J
@M-12-1
A16L-J
@A-12-1
24 VAC/VDC
A16L-J
@M-24-1
A16L-J
@A-24-1
Non-lighted
A16-J
@M-1
A16-J
@A-1
DPDT
LED without
Voltage
Reduction
Unit
5 VDC
A16L-J
@M-5D-2
A16L-J
@A-5D-2
R: red, Y: yellow
PY: pure yellow
G: green, A: blue
W: white
PW: pure white
12 VAC/VDC
A16L-J
@M-12D-2
A16L-J
@A-12D-2
24 VAC/VDC
A16L-J
@M-24D-2
A16L-J
@A-24D-2
Incandescent
lamp
5 VAC/VDC
A16L-J
@M-5-2
A16L-J
@A-5-2
R: red, Y: yellow
PY: pure yellow
G: green, W: white
A: blue
B: black *2
12 VAC/VDC
A16L-J
@M-12-2
A16L-J
@A-12-2
24 VAC/VDC
A16L-J
@M-24-2
A16L-J
@A-24-2
Non-lighted
A16-J
@M-2
A16-J
@A-2
Item
Momentary operation
(Self-resetting)
Alternate operation
(Self-holding)
Pushbutton color
symbol *1
Output
Lighting
Operating
voltage
SPDT
LED without
Voltage
Reduction
Unit
5 VDC
A165L-J
@M-5D-1
A165L-J
@A-5D-1
R: red, Y: yellow
PY: pure yellow
G: green, A: blue
W: white
PW: pure white
12 VAC/VDC
A165L-J
@M-12D-1
A165L-J
@A-12D-1
24 VAC/VDC
A165L-J
@M-24D-1
A165L-J
@A-24D-1
Incandescent
lamp
5 VAC/VDC
A165L-J
@M-5-1
A165L-J
@A-5-1
R: red, Y: yellow
PY: pure yellow
G: green, W: white
A: blue
B: black *2
12 VAC/VDC
A165L-J
@M-12-1
A165L-J
@A-12-1
24 VAC/VDC
A165L-J
@M-24-1
A165L-J
@A-24-1
Non-lighted
A165-J
@M-1
A165-J
@A-1
DPDT
LED without
Voltage
Reduction
Unit
5 VDC
A165L-J
@M-5D-2
A165L-J
@A-5D-2
R: red, Y: yellow
PY: pure yellow
G: green, A: blue
W: white
PW: pure white
12 VAC/VDC
A165L-J
@M-12D-2
A165L-J
@A-12D-2
24 VAC/VDC
A165L-J
@M-24D-2
A165L-J
@A-24D-2
Incandescent
lamp
5 VAC/VDC
A165L-J
@M-5-2
A165L-J
@A-5-2
R: red, Y: yellow
PY: pure yellow
G: green, W: white
A: blue
B: black *2
12 VAC/VDC
A165L-J
@M-12-2
A165L-J
@A-12-2
24 VAC/VDC
A165L-J
@M-24-2
A165L-J
@A-24-2
Non-lighted
A165-J
@M-2
A165-J
@A-2
A16
@-J
Rectangular Models
IP40
Oil-resistant IP65
Individual models: Refer to pages 9 to 13.
(The Pushbutton, Lamp, Case, and Switch can be ordered
separately.)
■ Ratings: Refer to page 16. ■ Characteristics: Refer to page 16.
■ Accessories: Refer to page 15.


Similar Part No. - A165L-TRM-12-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165L-TRM-12-2 OMRON-A165L-TRM-12-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A165L-TRM-12-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com