Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G7L-1A-TUBJ-CB Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G7L-1A-TUBJ-CB
Description  General Purpose Relay
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-1A-TUBJ-CB Datasheet(HTML) 5 Page - Omron Electronics LLC

  G7L-1A-TUBJ-CB Datasheet HTML 1Page - Omron Electronics LLC G7L-1A-TUBJ-CB Datasheet HTML 2Page - Omron Electronics LLC G7L-1A-TUBJ-CB Datasheet HTML 3Page - Omron Electronics LLC G7L-1A-TUBJ-CB Datasheet HTML 4Page - Omron Electronics LLC G7L-1A-TUBJ-CB Datasheet HTML 5Page - Omron Electronics LLC G7L-1A-TUBJ-CB Datasheet HTML 6Page - Omron Electronics LLC G7L-1A-TUBJ-CB Datasheet HTML 7Page - Omron Electronics LLC G7L-1A-TUBJ-CB Datasheet HTML 8Page - Omron Electronics LLC G7L-1A-TUBJ-CB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
General Purpose Relay
G7L
5
Characteristic variation resulted from different mounting directions
G7L-2A-T (TUB) 100 to 120 VAC
Operate time
Release time
Operate voltage
Release voltage
Note: The mounting direction A’ deteriorates switching performance.
Actual Load Endurance Test
G7L-2A 100 to 200 VAC
Operate and Release voltages
N = 5
Contact resistance
Operate and Release voltages
N = 5
Contact resistance
Load conditions
Load conditions
•1
φ 220 VAC
• 1
φ 220 VAC
25
20
15
10
5
0
A
Top
Bottom (Standard)
Mounting direction
(Note)
A'
B
B'
C
C'
N = 5
Operate time
35
30
25
20
15
0
A
Top
Bottom(Standard)
Mounting direction
(Note)
A'
B
B'
C
C'
N = 5
Release time
80
70
60
50
40
0
A
Top
Bottom(Standard)
Mounting direction
(Note)
A'
B
B'
C
C'
N = 5
Operate voltage
50
40
30
20
10
0
A
Top
Bottom(Standard)
Mounting direction
(Note)
A'
B
B'
C
C'
N = 5
Release voltage
0.7
0.5
1
3
5
7
10
30
50
Switching operations (×104 operations)
70
60
50
40
30
20
10
0
Operate voltage
Release voltage
N = 5
0.7
0.5
1
3
5
7
10
30
50
100
80
60
40
20
0
N = 5
Switching operations (×104 operations)
0.07
0.05
0.1
0.3
0.5
1
3
5
70
60
50
40
30
20
10
0
Operate
voltage
Release
voltage
N = 5
Switching operations (×104 operations)
0.07
0.05
0.1
0.3
0.5
1
3
5
50
40
30
20
10
0
N = 5
Switching operations (×104 operations)
70 A cos
φ = 0.4
20 A cos
φ = 0.4
0.2s
1s
1s
• Applied coil voltage: 100% of rated
voltage
54 A cos
φ = 0.79
(Compressor Lock Test)
0.5s
10s
• Applied coil voltage: 100% of rated
voltage
G7L-2A 100 to 200 VAC
Operate and Release voltages
N = 5
Contact resistance
Operate and Release voltages
N = 5
Contact resistance
Load conditions
Load conditions
•1
φ 220 VAC
• 1
φ 220 VAC
0.7
0.5
1
3
5
10
30
50
Switching operations (×102 operations)
70
60
50
40
30
20
10
0
Operate voltage
Release voltage
N = 5
0.7
0.5
1
3
5
10
30
50
50
40
30
20
10
0
N = 5
Switching operations (×102 operations)
0.7
0.5
1
3
5
10
30
50
70
60
50
40
30
20
10
0
Operate voltage
Release voltage
N = 5
Switching operations (×102 operations)
0.7
0.5
1
3
5
10
30
50
50
40
30
20
10
0
N = 5
Switching operations (×102 operations)
• Applied coil voltage: 75% of rated
voltage
25 A cos
φ = 1
2s
8s
70 A cos
φ = 0.4
20 A cos
φ = 0.4
0.2s
2s
8s
• Applied coil voltage: 75% of rated
voltage


Similar Part No. - G7L-1A-TUBJ-CB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7L-1A-TUBJ-CB OMRON-G7L-1A-TUBJ-CB Datasheet
446Kb / 14P
   General Purpose Relay
More results

Similar Description - G7L-1A-TUBJ-CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com