Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A165L-JRA-12-2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A165L-JRA-12-2
Description  Separate Construction with Cylindrical 16-dia. Body
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165L-JRA-12-2 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A165L-JRA-12-2 Datasheet HTML 4Page - Omron Electronics LLC A165L-JRA-12-2 Datasheet HTML 5Page - Omron Electronics LLC A165L-JRA-12-2 Datasheet HTML 6Page - Omron Electronics LLC A165L-JRA-12-2 Datasheet HTML 7Page - Omron Electronics LLC A165L-JRA-12-2 Datasheet HTML 8Page - Omron Electronics LLC A165L-JRA-12-2 Datasheet HTML 9Page - Omron Electronics LLC A165L-JRA-12-2 Datasheet HTML 10Page - Omron Electronics LLC A165L-JRA-12-2 Datasheet HTML 11Page - Omron Electronics LLC A165L-JRA-12-2 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
A16
8
Ordering Information
Illumination Only and Colored Illumination for Models with LEDs
With illumination only, the color of the lighted surface is the same when the LED is lit and when it is not lit.
Example: Red Illumination
With colored illumination, the color of the lighted surface is white when the LED is not lit and the LED emits another color when it is lit.
Example: Red Illumination
Ordering: For colored illumination, order the Operation Unit, Case, Lamp, and Socket Unit separately.
Color emitted
when lit
Operation Unit
Case
Lamp (LED)
Socket Unit
Red
IP40
A16L-
@W
IP65
A165L-
@W
Insert one of the fol-
lowing symbols into
the box (
@).
J: Rectangular
A: Square
T: Round
IP40
• Momentary: A16-C
@M
• Alternate: A16-C
@A
IP65
• Momentary: A165-C
@M
• Alternate: A165-C
@A
Insert one of the following symbols
into the box (
@).
J: Rectangular (2-way guard)
A: Square (2-way guard)
T: Round (projected)
A16-
@DSR
Specify one of the fol-
lowing symbols in the
box (
@).
5: 5 VDC
12: 12 VAC/VDC
24: 24 VAC/VDC
Refer to page 14. Any
Switch can be mount-
ed.
Yellow
A16-
@DSY
Green
A16-
@DSG
Blue
A16-
@DA
Cap (red)
Not lit
Red
Legend plate
Dispersion plate (milky white)
Reflective plunger
LED lamp (red)
Lamp
Operation Unit
Lit
Red
Cap (translucent)
Not lit
White
Legend plate
Dispersion plate (milky white)
Reflection plunger
LED lamp (red)
Lamp
Operation Unit
Lit
Red


Similar Part No. - A165L-JRA-12-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165L-JRA-12-2 OMRON-A165L-JRA-12-2 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A165L-JRA-12-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com