Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6C-1117C-US Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6C-1117C-US
Description  Power PCB Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6C-1117C-US Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6C-1117C-US Datasheet HTML 1Page - Omron Electronics LLC G6C-1117C-US Datasheet HTML 2Page - Omron Electronics LLC G6C-1117C-US Datasheet HTML 3Page - Omron Electronics LLC G6C-1117C-US Datasheet HTML 4Page - Omron Electronics LLC G6C-1117C-US Datasheet HTML 5Page - Omron Electronics LLC G6C-1117C-US Datasheet HTML 6Page - Omron Electronics LLC G6C-1117C-US Datasheet HTML 7Page - Omron Electronics LLC G6C-1117C-US Datasheet HTML 8Page - Omron Electronics LLC G6C-1117C-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Power PCB Relay
G6C
177
Single Coil Latching Type
Dual Coil Latching Type
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
3. The minimum pulse width of the set and reset voltage is 20 ms.
■ Characteristics
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set
pick-up voltage
Reset
pick-up voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
67
45
0.09
0.06
70% max.
70% min.
160% max.
at 23
°C
Approx. 200
5
40
125
0.25
0.20
6
33.30
180
0.36
0.24
12
16.70
720
1.75
1.17
24
8.30
2,880
5.83
3.84
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set Coil
Reset Coil
Armature
OFF
Armature
ON
Armature
OFF
Armature
ON
% of rated voltage
3
93.50
32.10
0.03
0.02
0.03
0.02
70% max.
70% max.
130% max.
at 23°C)
Approx. 280
5
56
89.30
0.07
0.06
0.08
0.07
6
46.70
129
0.10
0.08
0.12
0.10
12
23.30
514
0.37
0.32
0.47
0.38
24
11.70
2,056
1.56
1.18
1.46
1.13
Contact resistance
30 m
Ω max.
Operate (set) time
10 ms max. (mean value: approx. 5 ms)
Release (reset) time
10 ms max. (mean value: approx. 2 ms; latching types: mean value: approx. 5 ms)
Bounce time
5 ms max. (Approx. 3 ms typical)
Min. set/reset signal width
Latching type: 20 ms (at 23
°C)
Max. switching
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC, at 250 VDC between set coil and reset coil)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between coil and contacts
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
250 VAC, 50/60 Hz for 1 min between set and reset coils (double winding latching type)
Surge withstand voltage
6.000 V (1.2 x 50
μs) between coil and contacts (latching types: 4,500 V, 1.2 x 50 μs)
Vibration resistance
Mechanical durability
10 to 55 Hz, 1.5-mm double amplitude
Malfunction durability
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Mechanical durability
1,000 m/s2 (Appox. 100G)
Malfunction durability
100 m/s2 (Approx. 10G)
Ambient temperature
Operating:
−25°C to 70°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Service Life
Mechanical:
50,000,000 operations min. (at 18,000 operations/hr)
Electrical:
100,000 operations min. (at 1,800 operations/hr) See “Characteristic Data”
Weight
Approx. 5.6 g


Similar Part No. - G6C-1117C-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6C-1117C-US OMRON-G6C-1117C-US Datasheet
594Kb / 12P
   Power PCB Relay
G6C-1117C-US OMRON-G6C-1117C-US Datasheet
512Kb / 10P
   Power PCB Relay
More results

Similar Description - G6C-1117C-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com