Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3CR-F12DC Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # H3CR-F12DC
Description  Solid-state Twin Timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3CR-F12DC Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button H3CR-F12DC Datasheet HTML 2Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 3Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 4Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 5Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 6Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 7Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 8Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 9Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
http://www.ia.omron.com/
6
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
H3CR-F
Dimensions
Note: All units are in millimeters unless otherwise indicated.
66.6
0.7
17.4
52.3
6
5.7
R1.3
44.8
× 44.8
48
48
66.6
0.7
17.4
52.3
6
5.7
R1.3
44.8
× 44.8
48
48
37 dia.
14 dia.
37 dia.
14 dia.
11 pins
8 pins
H3CR-F
H3CR-FN
H3CR-F-300
H3CR-FN-300
H3CR-F8
H3CR-F8N
H3CR-F8-300
H3CR-F8N-300
103.2*
100.9
2.3
*
92.3*
90.0
2.3
*
80
17.4
17.4
75
81.5
81.5
*These dimensions vary with the kind of DIN track (reference value).
Y92F-30
P3GA-11
Y92F-30
P3G-08
Dimensions with Front Connecting Socket
P2CF-08-
@/P2CF-11-@
H3CR-F
H3CR-FN
P2CF-11
P2CF-11-E
H3CR-F8
H3CR-F8N
P2CF-08
P2CF-08-E
Dimensions with Back Connecting Socket
P3G-08/P3GA-11
H3CR-F
H3CR-FN
H3CR-F8
H3CR-F8N
(When
Y92A-48G
mounted)
(When
Y92A-48G
mounted)
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


Similar Part No. - H3CR-F12DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-300 OMRON-H3CR-A-300 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-301 OMRON-H3CR-A-301 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A8 OMRON-H3CR-A8 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A8-300 OMRON-H3CR-A8-300 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
More results

Similar Description - H3CR-F12DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3DK OMRON-H3DK Datasheet
3Mb / 30P
   Solid-state Timers
H3DKFACDC24240 OMRON-H3DKFACDC24240 Datasheet
2Mb / 32P
   Solid-state Timers
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
   Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
   Solid-state Multi-functional Timers H3CR-A
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com