Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8P-1A2T-F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G8P-1A2T-F
Description  PCB Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P-1A2T-F Datasheet(HTML) 3 Page - Omron Electronics LLC

  G8P-1A2T-F Datasheet HTML 1Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 2Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 3Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 4Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 5Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
244
G8P
G8P
Approved Standards
UL (File No. E41643)/CSA (File No. LR34815-101)
Engineering Data
Type
Contact form
Coil ratings
Contact ratings
G8P-1A
SPST-NO
5 to 110 VDC
30 A, 277 VAC (G.P./Res.)
30 A, 250 VAC, 100 k ops. (Res.)
20 A, 120-240 VAC, 70°C, 100 k ops. (G.P./Res.)
20 A, 28 VDC (Res.)
20 A, 240 VAC, 105°C, 100 k ops. (Res.)
1 hp, 125-250 VAC
2 hp, 250 VAC
A300 Pilot Duty
12FLA/72LRA, 250 VAC, 100 k ops.
20 FLA/96 LRA, 125 VAC, 100 k ops.
5 A, 250 VAC (Tungsten)
20 A, 120-277 VAC (Ballast)
G8P-1C
SPDT
5 to 110 VDC
30 A/30 A, 250 VAC (Res.)
30 A/30 A, 277 VAC, 40°C, 100 k opns (NO) and
50 k opns (NC)
20 A/15 A, 120-240 VAC, 105°C, 100 k ops. (Res.)
20 A/10 A, 120-240 VAC, 70°C, 100 k ops. (G.P./Res.)
20 A/10 A, 28 VDC (Res.)
1/2 hp/ 1/2 hp, 125 VAC, 100 k ops.
2 hp/ 1/2 hp, 250 VAC
1 hp/ 1/4 hp, 125 VAC
B150 Pilot Duty
5 A/3 A, 250 VAC (Tungsten)
6 A/3 A, 277 VAC (Ballast)
Load current (A)
Load current (A)
Rated operating voltage (V)
Rated operating voltage (V)
Maximum Switching capacity
SPST-NO
SPDT
Endurance
SPST-NO
SPDT


Similar Part No. - G8P-1A2T-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P-1A2T-F OMRON-G8P-1A2T-F Datasheet
2Mb / 8P
   Power PCB Relay
G8P-1A2T-F OMRON-G8P-1A2T-F Datasheet
933Kb / 6P
   Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
G8P-1A2T-F OMRON-G8P-1A2T-F Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
More results

Similar Description - G8P-1A2T-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com