Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8P-1A4P Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8P-1A4P
Description  PCB Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P-1A4P Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8P-1A4P Datasheet HTML 1Page - Omron Electronics LLC G8P-1A4P Datasheet HTML 2Page - Omron Electronics LLC G8P-1A4P Datasheet HTML 3Page - Omron Electronics LLC G8P-1A4P Datasheet HTML 4Page - Omron Electronics LLC G8P-1A4P Datasheet HTML 5Page - Omron Electronics LLC G8P-1A4P Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
242
G8P
PCB Relay
Compact, Low-cost 30-A Power Relay for
PC Board or Panel-mounted
Applications
Compact, yet capable of switching up to 30-A
loads.
Complies with UL873 and UL508 column A
spacings (1/8” through air, 1/4” over surface).
UL Class F insulation standard.
Withstands of up to 6,000 V under 1.2
 50s
impulse wave or ring wave.
A selection of contact forms: SPDT and SPST-
NO.
Quick-connect terminals versions ideal for PC
board and panel mounting.
Flanged mounting available.
Ideal for home and industrial appliances, HVAC
(heating, ventilating, and air conditioning), and
many other applications.
Ordering Information
Note:
When ordering, add the rated coil voltage to the model number
Example: G8P-1AP 12 VDC
Model Number Legend
RoHS Compliant
Refer to pages 16 to 17 for details.
RC
Classification
Contact form
Enclosure ratings
Mounting style
Terminals
Open
Unsealed
Fully sealed
PCB mounting
PCB
SPST-NO
G8P-1AP
G8P-1A2P
G8P-1A4P
SPDT
G8P-1CP
G8P-1C2P
G8P-1C4P
Quick-connect and
PCB
SPST-NO
G8P-1ATP
G8P-1A2TP
G8P-1A4TP
SPDT
G8P-1CTP
G8P-1C2TP
G8P-1C4TP
Flanged mounting
Quick-connect
SPST-NO
---
G8P-1A2T-F
---
SPDT
---
G8P-1C2T-F
---
Rated coil voltage
G8P -
-
VDC
12
3
4
5
6
1. Number of Poles
1: 1 pole
2. Contact Form
A: SPST-NO
C: SPDT
3. Enclosure Ratings
None: Open
2:
Unsealed
4:
Fully-Sealed
4. Terminals
P:
Straight PCB for contacts and coil
T:
Quick-connect (#250 terminals for contacts
and #187 terminals for coil)
TP:
Quick-connect (#250 terminals) and
straight PCB for contacts,
and straight PCB for coil
5. Mounting
None: PCB mounting
F:
Flanged mounting
6. Rated Coil Voltage
5, 9, 12, 24, 48, 110
Other rated coil voltages available.


Similar Part No. - G8P-1A4P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P-1A4P OMRON-G8P-1A4P Datasheet
2Mb / 8P
   Power PCB Relay
G8P-1A4P OMRON-G8P-1A4P Datasheet
933Kb / 6P
   Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
G8P-1A4P OMRON-G8P-1A4P Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
G8P-1A4P-BG OMRON-G8P-1A4P-BG Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
More results

Similar Description - G8P-1A4P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com