Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL-T2E2 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # TL-T2E2
Description  Slim Proximity Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-T2E2 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button TL-T2E2 Datasheet HTML 6Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 7Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 8Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 9Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 10Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 11Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 12Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 13Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Proximity Sensors Technical Guide
●Wiring Considerations
AND/OR Connections for Proximity Sensors
Note: When AND/OR connections are used with Proximity Sensors, the effects of erroneous pulses or leakage current may prevent use. Verify that there are no
problems before use.
Model
Type of
connection
Connection
Description
DC 2-Wire
AND (series
connection)
Keep the number of connected Sensors (N) within the range of the following
equation.
VS - N
× VR ≥ Operating load voltage
It is possible, however, that the indicators may not light correctly and error
pulses (of approximately 1 ms) may be generated because the rated power
supply voltage and current are not supplied to individual Proximity Sensors.
Verify that this is not a problem before operation.
OR (parallel
connection)
Keep the number of connected Sensors (N) within the range of the following
equation.
N
× i ≤ Load reset current
Example: When an MY (24-VDC) Relay is used as the load, the maximum
number of Sensors that can be connected is 4.
AC 2-wire
AND (series
connection)
<TL-NY, TL-MY, E2K-
@MY@, TL-T@Y>
The above Proximity Sensors cannot be used in a series connection. If need-
ed, connect through relays.
<E2E-X
@Y>
For the above Proximity Sensors, the voltage VL that can be applied to the
load when ON is VL = VS - (Output residual voltage
× Number of Sensors), for
both 100 VAC and 200 VAC.
The load will not operate unless VL is higher than the load operating voltage.
This must be verified before use.
When using two or more Sensors in series with an AND circuit, the limit is three
Sensors. (Be careful of the VS value in the diagram at left.)
OR (parallel
connection)
In general it is not possible to use two or more Proximity Sensors in parallel
with an OR circuit.
A parallel connection can be used if A and B will not be operated simulta-
neously and there is no need to hold the load. The leakage current, however,
will be n times the value for each Sensor and reset failures will frequently oc-
cur.
("n" is the number of Proximity Sensors.)
If A and B will be operated simultaneously and the load is held, a parallel con-
nection is not possible.
If A and B operate simultaneously and the load is held, the voltages of both A
and B will fall to about 10 V when A turns ON, and the load current will flow
through A causing random operation. When the sensing object approaches B,
the voltage of both terminals of B is too low at 10 V and the switching element
of B will not operate. When A turns OFF again, the voltages of both A and B
rise to the power supply voltage and B is finally able to turn ON.
During this period, there are times when A and B both turn OFF (approximately
10 ms) and the loads are momentarily restored. In cases where the load is to
be held in this way, use a relay as shown in the diagram at left.
Vs
-
-
+
+
Load
N : Number of Sensors that can be connected
VR: Residual output voltage of Proximity Sensor
VS: Power voltage
-
+
+
Vs
Load
N: Number of Sensors that can be connected
i: Leakage current of Proximity Sensor
X1
X1
X2
X2
VL
VS
VS
VS
VS
≥ 100V
Load
Load
Load
Load
(A)
(A)
(B)
(B)
X1
X1
X2
X2
Load
http://www.ia.omron.com/
C-6
(c)Copyright OMRON Corporation 2008 All Rights Reserved.


Similar Part No. - TL-T2E2

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
TL-TORQUEDRIVER-01 IRONWOOD-TL-TORQUEDRIVER-01 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-02 IRONWOOD-TL-TORQUEDRIVER-02 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-03 IRONWOOD-TL-TORQUEDRIVER-03 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
logo
TAITIEN ELECTRONICS CO....
TL-TYPE TAITIEN-TL-TYPE Datasheet
442Kb / 1P
   5.0 x 3.2 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
More results

Similar Description - TL-T2E2

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
2427617 FESTO-2427617 Datasheet
81Kb / 2P
   Proximity sensor
2427618 FESTO-2427618 Datasheet
84Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com