Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-MB00-NDF00 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MB00-NDF00
Description  MoonstoneTM 1 W Power LED Light Source
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MB00-NDF00 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-MB00-NDF00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00-NDF00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00-NDF00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00-NDF00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00-NDF00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00-NDF00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00-NDF00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00-NDF00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00-NDF00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Figure 7. Relative Intensity vs. Wavelength for InGaN
Figure 8. Forward Current vs. Forward Voltage for InGaN
Figure 9. Relative Luminous Flux vs Mono Pulse Current for InGaN
Figure 10. Radiation Pattern for InGaN
Figure 11. Maximum Forward Current vs. Ambient Temperature for InGaN
Derated based on T
JMAX = 110°C, RJA = 30°C/W, 40°C/W and 50°C/W
Figure 12. Dominant wavelength vs. forward current – InGaN devices
100
450
FORWARD CURRENT – mA
400
510
520
200
150
540
530
250
300
490
350
480
470
460
500
GREEN
BLUE
0
0
TA – AMBIENT TEMPERATURE – °C
90
300
350
20
10
30
400
40
50
60
200
70
80
150
100
50
250
JA = 50 C/W
JA = 40 C/W
JA = 30 C/W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
GREEN
BLUE
COOL WHITE
WARM WHITE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5 0 100 150 200 250 300 350 400 450 500
MONO PULSE CURRENT - mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90
-70
-50
-30
-10
10
30
50
70
90
OFF-AXIS ANGLE (°)
GREEN
BLUE
COOL WHITE
WARM WHITE
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
3.5
4
FORWARD VOLTAGE -V


Similar Part No. - ASMT-MB00-NDF00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
More results

Similar Description - ASMT-MB00-NDF00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX6X AVAGO-ASMT-MX6X Datasheet
662Kb / 11P
   MoonstoneTM 1/2W Power LED Light Source
ASMT-MW09 AVAGO-ASMT-MW09 Datasheet
619Kb / 9P
   MoonstoneTM 1W Power LED Light Source
ASMT-MXA0 AVAGO-ASMT-MXA0 Datasheet
526Kb / 10P
   MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
ASMT-MXK0 AVAGO-ASMT-MXK0 Datasheet
510Kb / 11P
   MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
ASMT-MY22-NMP00 AVAGO-ASMT-MY22-NMP00 Datasheet
170Kb / 12P
   Moonstone 3 W High Brightness Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com