Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY4-D Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # LY4-D
Description  General Purpose Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY4-D Datasheet(HTML) 1 Page - Omron Electronics LLC

  LY4-D Datasheet HTML 1Page - Omron Electronics LLC LY4-D Datasheet HTML 2Page - Omron Electronics LLC LY4-D Datasheet HTML 3Page - Omron Electronics LLC LY4-D Datasheet HTML 4Page - Omron Electronics LLC LY4-D Datasheet HTML 5Page - Omron Electronics LLC LY4-D Datasheet HTML 6Page - Omron Electronics LLC LY4-D Datasheet HTML 7Page - Omron Electronics LLC LY4-D Datasheet HTML 8Page - Omron Electronics LLC LY4-D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Purpose Relay
LY
307
General Purpose Relay
LY
• Arc barrier equipped.
• High dielectric strength (2,000 VAC).
• Long dependable service life assured by Ag-Alloy contacts.
• Choose models with single or bifurcated contacts,
LED indicator, diode surge suppression,
push-to-test button, or RC circuit.
• UL, CSA, and TUV approvals on all standard LY Relays.
• CE marks included on non-PCB mount versions.
Ordering Information
To Order: Select the part number and add the desired coil voltage rating (e.g., LY1-DC6).
Note: 1. Types with specifications other than those listed are available. Contact your Omron Sales representative.
2. To order connecting sockets and mounting tracks, see “Accessories” section.
3. Relays with RC circuit are only available in AC coil voltages of 100 VAC or greater.
Type
Terminal
Contact
form
Model
Single contact
Bifurcated contact
Standard
bracket
mounting
Upper
mounting
bracket
Standard
bracket
mounting
Upper
mounting
bracket
Standard
Plug-in/solder
SPDT
LY1
LY1F
DPDT
LY2
LY2F
LY2Z
LY2ZF
3PDT
LY3
LY3F
4PDT
LY4
LY4F
PCB
SPDT
LY1-0
DPDT
LY2-0
LY2Z-0
3PDT
LY3-0
4PDT
LY4-0
LED indicator
Plug-in/solder
SPDT
LY1N
DPDT
LY2N
LY2ZN
3PDT
LY3N
4PDT
LY4N
Diode surge
suppression
SPDT
LY1-D
DPDT
LY2-D
LY2Z-D
3PDT
LY3-D
4PDT
LY4-D
LED indicator
and diode surge
suppression
SPDT
LY1N-D2
DPDT
LY2N-D2
LY2ZN-D2
4PDT
LY4N-D2
RC circuit
SPDT
LY1-CR
DPDT
LY2-CR
LY2Z-CR
LED indicator
and RC circuit
SPDT
LY1N-CR
DPDT
LY2N-CR
LY2ZN-CR


Similar Part No. - LY4-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY4-D OMRON-LY4-D Datasheet
438Kb / 15P
   General Purpose Relay
LY4-D OMRON-LY4-D Datasheet
719Kb / 16P
   General Purpose Relay
LY4-D OMRON-LY4-D Datasheet
679Kb / 16P
   General Purpose Relay
LY4-D OMRON-LY4-D Datasheet
1Mb / 16P
   General Purpose Relay
LY4-D OMRON-LY4-D Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
More results

Similar Description - LY4-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com