Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C512-10UI-2.7 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C512-10UI-2.7
Description  2-wire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C512-10UI-2.7 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C512-10UI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C512-10UI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C512-10UI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C512-10UI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C512-10UI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C512-10UI-2.7 Datasheet HTML 9Page - ATMEL Corporation AT24C512-10UI-2.7 Datasheet HTML 10Page - ATMEL Corporation AT24C512-10UI-2.7 Datasheet HTML 11Page - ATMEL Corporation AT24C512-10UI-2.7 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AT24C512
10
Ordering Information
tWR (max)
(ms)
ICC (max)
(
µA)
ISB (max)
(
µA)
fMAX
(kHz)
Ordering Code
Package
Operation Range
10
3000
6.0
1000
AT24C512C1-10CC
AT24C512-10PC
AT24C512-10UC
AT24C512W1-10SC
8C1
8P3
8U3
20S
Commercial
(0
°C to 70°C)
3000
6.0
1000
AT24C512C1-10CI
AT24C512-10PI
AT24C512-10UI
AT24C512W1-10SI
8C1
8P3
8U3
20S
Industrial
(-40
°C to 85°C)
10
1500
0.6
400
AT24C512C1-10CC-2.7
AT24C512-10PC-2.7
AT24C512-10UC-2.7
AT24C512W1-10SC-2.7
8C1
8P3
8U3
20S
Commercial
(0
°C to 70°C)
1500
0.6
400
AT24C512C1-10CI-2.7
AT24C512-10PI-2.7
AT24C512-10UI-2.7
AT24C512W1-10SI-2.7
8C1
8P3
8U3
20S
Industrial
(-40
°C to 85°C)
10
800
0.2
100
AT24C512C1-10CC-1.8
AT24C512-10PC-1.8
AT24C512-10UC-1.8
AT24C512W1-10SC-1.8
8C1
8P3
8U3
20S
Commercial
(0
°C to 70°C)
800
0.2
100
AT24C512C1-10CI-1.8
AT24C512-10PI-1.8
AT24C512-10UI-1.8
AT24C512W1-10SI-1.8
8C1
8P3
8U3
20S
Industrial
(-40
°C to 85°C)
Package Type
8C1
8-lead, 0.300" Wide, Leadless Array Package (LAP)
8P3
8-lead, 0.300" Wide, Plastic Dual In-line Package (PDIP)
8U3
8-ball, die Ball Grid Array Package (dBGA)
20S
20-lead, 0.300" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
Options
Blank
Standard Operation (4.5V to 5.5V)
-2.7
Low-voltage (2.7V to 5.5V)
-1.8
Low-voltage (1.8V to 3.6V)


Similar Part No. - AT24C512-10UI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512-10PU-1.8 ATMEL-AT24C512-10PU-1.8 Datasheet
503Kb / 22P
   Two-wire Serial EEPROM
AT24C512-10PU-2.7 ATMEL-AT24C512-10PU-2.7 Datasheet
503Kb / 22P
   Two-wire Serial EEPROM
AT24C512-10TU-1.8 ATMEL-AT24C512-10TU-1.8 Datasheet
503Kb / 22P
   Two-wire Serial EEPROM
AT24C512-10TU-2.7 ATMEL-AT24C512-10TU-2.7 Datasheet
503Kb / 22P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C512-10UI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com