Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G79-200C-175-150 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G79-200C-175-150
Description  Relay Output Blocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G79-200C-175-150 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G79-200C-175-150 Datasheet HTML 1Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 2Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 3Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 4Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 5Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 6Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 7Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 8Page - Omron Electronics LLC G79-200C-175-150 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
9
Relay Output Blocks
G70D
Compact, 16-Point Output Blocks
Save Space in Control Panels
1 Compact standard version or
quick-to-service vertical models
1 Power MOSFET or relays installed
1 Built-in diode absorbs coil surge
1 All have operation indicators
1 Terminal blocks accept M3.5 fork-type
crimp terminals
1 Expansion terminal block for vertical
models allows power line connections
1 Mounts to DIN rail track or with screws
1 Dedicated cables for high-density PLC
modules available (sold separately)
èò
Ordering Information
3 RELAY OUTPUT BLOCKS
Appearance
Output points
Rated
voltage
Output type
Internal I/O
circuit common
Part number
16 points
(SPST-NO x 16)
24 VDC
Relay outputs
NPN (+ common)
G70D-SOC16 DC24
(SPST NO x 16)
includes relay
pulling tool.
PNP (-- common)
G70D-SOC16-1 DC24
g
Power MOSFET
relay outputs
NPN (+ common)
G70D-FOM16
relay out uts
PNP (-- common)
G70D-FOM16-1 DC24
16 points
(SPST-NO x 16)
24 VDC
Relay outputs
NPN (+ common)
G70D-VSOC16
Power MOSFET
relay outputs
NPN (+ common)
G70D-VFOM16


Similar Part No. - G79-200C-175-150

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-200C-175-150 OMRON-G79-200C-175-150 Datasheet
417Kb / 14P
   Relay Output Blocks
More results

Similar Description - G79-200C-175-150

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G70D OMRON-G70D Datasheet
417Kb / 14P
   Relay Output Blocks
logo
Pepperl+Fuchs Inc.
LB6101H PF-LB6101H Datasheet
652Kb / 3P
   Relay output
2021-12-01
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
   Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
   Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
   Relay output
2021-12-01
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
   Relay output
logo
M-System Co.,Ltd.
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
   OUTPUT RELAY CARD
logo
Contec Co., Ltd
CPS-RRY-4PCC CONTEC-CPS-RRY-4PCC Datasheet
497Kb / 2P
   Relay Output Module
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
   Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
logo
M-System Co.,Ltd.
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
   OUTPUT RELAY CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com