Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C128-10PI-2.7 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C128-10PI-2.7
Description  2-Wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128-10PI-2.7 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C128-10PI-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C128-10PI-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C128-10PI-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C128-10PI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C128-10PI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C128-10PI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C128-10PI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C128-10PI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C128-10PI-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Features
Low Voltage and Standard Voltage Operation
– 5.0 (V
CC = 4.5V to 5.5V)
– 2.7 (V
CC = 2.7V to 5.5V)
– 1.8 (V
CC = 1.8V to 3.6V)
Internally Organized 16,384 x 8 and 32,768 x 8
2-Wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
1 MHz (5V), 400 kHz (2.7V) and 100 kHz (1.8V) Compatibility
Write Protect Pin for Hardware and Software Data Protection
64-Byte Page Write Mode (Partial Page Writes Allowed)
Self-Timed Write Cycle (5 ms typical)
High Reliability
– Endurance: 100,000 Write Cycles
– Data Retention: 40 Years
– ESD Protection: > 4000V
Automotive Grade and Extended Temperature Devices Available
8-Pin JEDEC PDIP, 8-Pin JEDEC and EIAJ SOIC, 14-Pin TSSOP, and
8-Pin Leadless Array Packages
Description
The AT24C128/256 provides 131,072/262,144 bits of serial electrically erasable and
programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8
bits each. The device’s cascadable feature allows up to 4 devices to share a common
2-wire bus. The device is optimized for use in many industrial and commercial applica-
tions where low power and low voltage operation are essential. The devices are avail-
able in space-saving 8-pin JEDEC PDIP, 8-pin EIAJ, 8-pin JEDEC SOIC, 14-pin
TSSOP, and 8-pin LAP packages. In addition, the entire family is available in 5.0V
(4.5V to 5.5V), 2.7V (2.7V to 5.5V) and 1.8V (1.8V to 3.6V) versions.
Rev. 0670C–08/98
2-Wire Serial
EEPROMs
128K (16,384 x 8)
256K (32,768 x 8)
AT24C128
AT24C256
Pin Configurations
Pin Name
Function
A
0 to A1
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
NC
No Connect
8-Pin PDIP
1
2
3
4
8
7
6
5
A0
A1
NC
GND
VCC
WP
SCL
SDA
8-Pin SOIC
1
2
3
4
8
7
6
5
A0
A1
NC
GND
VCC
WP
SCL
SDA
8-Pin Leadless Array
Bottom View
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
NC
GND
14-Pin TSSOP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A0
A1
NC
NC
NC
NC
GND
VCC
WP
NC
NC
NC
SCL
SDA


Similar Part No. - AT24C128-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128-10PI-2.7 ATMEL-AT24C128-10PI-2.7 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT24C128-10PI-2.7 ATMEL-AT24C128-10PI-2.7 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
More results

Similar Description - AT24C128-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com