Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-VF4 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E32-VF4
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-VF4 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E32-VF4 Datasheet HTML 1Page - Omron Electronics LLC E32-VF4 Datasheet HTML 2Page - Omron Electronics LLC E32-VF4 Datasheet HTML 3Page - Omron Electronics LLC E32-VF4 Datasheet HTML 4Page - Omron Electronics LLC E32-VF4 Datasheet HTML 5Page - Omron Electronics LLC E32-VF4 Datasheet HTML 6Page - Omron Electronics LLC E32-VF4 Datasheet HTML 7Page - Omron Electronics LLC E32-VF4 Datasheet HTML 8Page - Omron Electronics LLC E32-VF4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
Selection Guide
Fiber Units
Amplifier Units
Detection
conditions
Environmental
conditions
■ High-temperature environ-
ments (up to 400ºC)
■ Environments subject to scat-
tering of chemicals and oil
■ Vacuum environments
■ Workpiece presence
■ Positioning
■ Level differences and marks
Standard Models
P.6
Environment-resistive Models
P.14
■ Long-distance sensing, resistance to
dust and dirt
■ Small beam, resistance to rattling
■ Detection of transparent objects
Special-beam Models
P.10
■ Labels
■ Liquid level
■ Alignment and mapping of glass sub-
strates
■ Wafer mapping
Application-corresponding Models
P.16
Type
Digital
Manual
Appearance
Response
time
48 µs, 1 ms, or 4 ms
(2-output models: 80 µs, 1 ms, or 4 ms)
100
μs, 1 ms, or 4 ms
200 µs
(high-speed models: 20 µs)
Light source Red, green, blue, or infrared LED
Red or green LED
Function
Dual display (including digital, bar, percent, and hold display functions)
Threshold adjustment performed manually or by teaching
OFF-delay, ON-delay, one-shot timer (adjustable from 1 ms to 5 s)
LED bar display (5 levels)
8-turn sensitivity adjuster
OFF delay timer (fixed at 40 ms)
Advanced-function models are
available (2-output/input models).
Water-resistant models are available.
Models
E3X-DA
@-S
E3X-DA
@TW-S (2-output model)
E3X-DA
@RM-S (input model)
E3X-MDA
@
E3X-NA
@
E3X-NA
@F (high-speed model)
E3X-NA
@V (water-resistant model)
Fiber Units
Amplifier Units
Standard environments
Special environments
Standard
detection
Workpiece
presence
Positioning
Level
differences
Marks
Workpiece
presence
Positioning
Level
difference
Special-
beam
High power
Small spot
Area sensing Retroreflective
sensing
Application-
corresponding
Labels
Liquid level
Alignment
Mapping
2-channel
models
We have developed
model variations for
handling a broad
range of applications.


Similar Part No. - E32-VF4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-VF4 OMRON-E32-VF4 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
E32-VF4 OMRON-E32-VF4 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
More results

Similar Description - E32-VF4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
KS1AA1T OMRON-KS1AA1T Datasheet
6Mb / 25P
   Static Sensors and Ionizers Series Catalog
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
   Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com