Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM21FN470N00 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQM21FN470N00
Description  Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke) LQM21F_00 Series (0805 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM21FN470N00 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQM21FN470N00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM21FN470N00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Multilayer Type for Choke)
2011.9.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21F_00 Series (0805 Size)
c Dimensions
2.0±0.2
0.5±0.3
(in mm)
Inductance: 1.0 to 2.2μH
Dimension of t
Inductance: 4.7 to 47μH
0.85±0.2
1.25±0.2
1.25±0.2
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
*1
L
180mm Embossed Tape
3000
*2
J
330mm Paper Tape
10000
*1
K
330mm Embossed Tape
10000
*2
B
Bulk(Bag)
1000
*1: only LQM21F (1.0 to 2.2µH)
*2: only LQM21F (4.7 to 47µH)
c Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
DC Resistance
Self Resonance Frequency (min.)
LQM21FN1R0N00
p
1.0µH ±30%
1MHz
220mA
0.20ohm ±30%
105MHz
LQM21FN2R2N00
p
2.2µH ±30%
1MHz
150mA
0.28ohm ±30%
70MHz
LQM21FN4R7N00
p
4.7µH ±30%
1MHz
80mA
0.30ohm ±30%
25MHz
LQM21FN100N00
p
10µH ±30%
1MHz
60mA
0.50ohm ±30%
15MHz
LQM21FN220N00
p
22µH ±30%
1MHz
13mA
0.35ohm ±30%
15MHz
LQM21FN470N00
p
47µH ±30%
1MHz
7mA
0.60ohm ±30%
7.5MHz
Class of Magnetic Shield: Magnetic shield of ferrite
Operating Temperature Range (Self-temperature rise is not included): -40 to +85°C
c Impedance-Frequency Characteristics (Typ.)
1
10
100
1000
100000
10000
1000
100
10
1
10μH
4.7μH
2.2μH
22μH
1.0μH
47μH
Frequency (MHz)
c Inductance-Current Characteristics (Typ.)
1
10
100
1000
100
10
0.1
1
Current (mA)
10μH
4.7μH
2.2μH
22μH
1.0μH
47μH
Continued on the following page.


Similar Part No. - LQM21FN470N00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM21FN470N00 MURATA-LQM21FN470N00 Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke) LQM21F_00 Series (0805 Size)
LQM21FN470N00 MURATA-LQM21FN470N00 Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN470N00 MURATA-LQM21FN470N00 Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN470N00 MURATA-LQM21FN470N00 Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results

Similar Description - LQM21FN470N00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH66SN103M03L MURATA-LQH66SN103M03L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke) LQM21F_00 Series (0805 Size)
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQH31CNR12M03L MURATA-LQH31CNR12M03L Datasheet
47Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH31C Series (1206 Size)
LQH43CN151K03L MURATA-LQH43CN151K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH43C_03 Series (1812 Size)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com