Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV1024-12JC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27BV1024-12JC
Description  1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV1024-12JC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27BV1024-12JC Datasheet HTML 1Page - ATMEL Corporation AT27BV1024-12JC Datasheet HTML 2Page - ATMEL Corporation AT27BV1024-12JC Datasheet HTML 3Page - ATMEL Corporation AT27BV1024-12JC Datasheet HTML 4Page - ATMEL Corporation AT27BV1024-12JC Datasheet HTML 5Page - ATMEL Corporation AT27BV1024-12JC Datasheet HTML 6Page - ATMEL Corporation AT27BV1024-12JC Datasheet HTML 7Page - ATMEL Corporation AT27BV1024-12JC Datasheet HTML 8Page - ATMEL Corporation AT27BV1024-12JC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DC and AC Operating Conditions for Read Operation
AT27BV1024
-90
-12
-15
Operating
Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C
VCC Power Supply
2.7V - 3.6V
2.7V - 3.6V
2.7V - 3.6V
5V
± 10%
5V
± 10%
5V
± 10%
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
VCC = 2.7V to 3.6V
ILI
Input Load Current
VIN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
IPP1
(2)
VPP
(1)
Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1)
Standby Current
ISB1 (CMOS), CE = VCC
± 0.3V
20
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
100
µA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL, VCC = 3.6V
8mA
VIL
Input Low Voltage
VCC = 3.0 to 3.6V
-0.6
0.8
V
VCC = 2.7 to 3.6V
-0.6
0.2 x VCC
V
VIH
Input High Voltage
VCC = 3.0 to 3.6V
2.0
VCC + 0.5
V
VCC = 2.7 to 3.6V
0.7 x VCC VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.0 mA
0.4
V
IOL = 100
µA
0.2
V
IOL = 20
µA
0.1
V
VOH
Output High Voltage
IOH = -2.0 mA
2.4
V
IOH = -100
µAVCC - 0.2
V
IOH = -20
µAVCC - 0.1
V
VCC = 4.5V to 5.5V
ILI
Input Load Current
VIN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
IPP1
(2)
VPP
(1)
Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
ISB1 (CMOS), CE = VCC
± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
30
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
Notes: 1. VCC must be applied simultaneously with or before
VPP, and removed simultaneously with or after
VPP.
2. VPP may be connected directly to VCC, except during pro-
gramming. The supply current would then be the sum of ICC
and IPP.
= Preliminary Information
3-36
AT27BV1024


Similar Part No. - AT27BV1024-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV1024-12JU ATMEL-AT27BV1024-12JU Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
More results

Similar Description - AT27BV1024-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
   512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com