Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJY107K035S Datasheet(PDF) 3 Page - AVX Corporation

Part # TAJY107K035S
Description  TAJ Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJY107K035S Datasheet(HTML) 3 Page - AVX Corporation

  TAJY107K035S Datasheet HTML 1Page - AVX Corporation TAJY107K035S Datasheet HTML 2Page - AVX Corporation TAJY107K035S Datasheet HTML 3Page - AVX Corporation TAJY107K035S Datasheet HTML 4Page - AVX Corporation TAJY107K035S Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
23
Rated
DCL
DF
ESR
AVX
Case Capacitance
Voltage
(μA)
%
Max. (
Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJR475*002#
R
4.7
2.5
0.5
6
20
TAJR685*002#
R
6.8
2.5
0.5
6
20
TAJR106*002#
R
10
2.5
0.5
8
4.5
TAJS106*002#
S
10
2.5
0.5
6
8
TAJR156*002#
R
15
2.5
0.5
8
4.1
TAJP226*002#
P
22
2.5
0.5
8
3.5
TAJR226*002#
R
22
2.5
0.5
8
3.8
TAJK336*002#
K
33
2.5
0.8
8
1.7
TAJP336*002#
P
33
2.5
0.7
8
3.5
TAJS336*002#
S
33
2.5
0.7
8
1.5
TAJP476M002#
P
47
2.5
1.2
12
3.2
TAJS476*002#
S
47
2.5
1.2
8
1.6
TAJT686*002#
T
68
2.5
1.4
8
1.5
TAJT107*002#
T
100
2.5
2.5
15
1.3
TAJW107*002#
W
100
2.5
2.5
8
0.4
TAJT157M002#
T
150
2.5
3.8
18
1.2
TAJW157*002#
W
150
2.5
3.8
8
0.3
TAJW227#002#
W
220
2.5
5.5
8
0.3
TAJY227*002#
Y
220
2.5
5.5
8
0.3
TAJW337M002#
W
330
2.5
8.2
12
0.3
TAJY337*002#
Y
330
2.5
8.2
8
0.3
TAJF477*002#
F
470
2.5
11.8
12
0.3
TAJY477*002#
Y
470
2.5
11
12
0.2
TAJY687*002#
Y
680
2.5
17
12
0.2
TAJY108M002#
Y
108
2.5
25
30
0.2
TAJR225*004#
R
2.2
4
0.5
6
25
TAJS225*004#
S
2.2
4
0.5
6
25
TAJR335*004#
R
3.3
4
0.5
6
20
TAJS335*004#
S
3.3
4
0.5
6
18
TAJR475*004#
R
4.7
4
0.5
6
12
TAJS475*004#
S
4.7
4
0.5
6
10
TAJR685*004#
R
6.8
4
0.5
6
5.2
TAJS685*004#
S
6.8
4
0.5
6
8
TAJT685*004#
T
6.8
4
0.5
6
6
TAJR106*004#
R
10
4
0.5
6
7
TAJS106*004#
S
10
4
0.5
6
6
TAJT106*004#
T
10
4
0.6
6
5
TAJR156*004#
R
15
4
0.6
8
4
TAJS156*004#
S
15
4
0.6
8
4
TAJT156*004#
T
15
4
0.6
6
2
TAJK226*004#
K
22
4
0.9
8
1.8
TAJP226*004#
P
22
4
0.9
8
5
TAJR226*004#
R
22
4
0.9
8
3.8
TAJS226*004#
S
22
4
0.9
8
3.5
TAJT226*004#
T
22
4
0.9
6
1.9
TAJK336*004#
K
33
4
1.3
10
1.7
TAJP336M004#
P
33
4
1.3
8
3.4
TAJS336*004#
S
33
4
1.3
8
1.7
TAJT336*004#
T
33
4
1.3
6
1.7
TAJW336*004#
W
33
4
1.3
6
0.6
TAJT476*004#
T
47
4
1.9
10
2
TAJW476*004#
W
47
4
1.9
6
0.5
TAJT686*004#
T
68
4
2.7
15
1.5
TAJW686*004#
W
68
4
2.7
6
0.4
TAJT107M004#
T
100
4
4
14
1.4
TAJW107*004#
W
100
4
4
6
1.3
TAJW157*004#
W
150
4
6
6
1.3
TAJY157*004#
Y
150
4
6
6
0.4
TAJW227*004#
W
220
4
8.8
8
1.2
TAJX227*004#
X
220
4
8.8
8
0.9
TAJY227*004#
Y
220
4
8.8
8
0.3
TAJF337#004#
F
330
4
13.2
10
0.3
TAJX337*004#
X
330
4
13.2
8
0.3
TAJY477*004#
Y
470
4
18.8
14
0.9
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
AVX
Case Capacitance
Voltage
(μA)
%
Max. (
Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJY687M004#
Y
680
4
27.2
25
0.2
TAJR155*006#
R
1.5
6.3
0.5
6
2
TAJS155*006#
S
1.5
6.3
0.5
6
25
TAJR225*006#
R
2.2
6.3
0.5
6
20
TAJS225*006#
S
2.2
6.3
0.5
6
18
TAJR335*006#
R
3.3
6.3
0.5
6
12
TAJS335*006#
S
3.3
6.3
0.5
6
9
TAJR475*006#
R
4.7
6.3
0.5
6
7
TAJS475*006#
S
4.7
6.3
0.5
6
7.5
TAJT475*006#
T
4.7
6.3
0.5
6
6
TAJR685*006#
R
6.8
6.3
0.5
8
7
TAJS685*006#
S
6.8
6.3
0.5
6
2.6
TAJT685*006#
T
6.8
6.3
0.5
6
5
TAJR106*006#
R
10
6.3
0.6
8
6
TAJS106*006#
S
10
6.3
0.6
8
4
TAJT106*006#
T
10
6.3
0.6
6
4
TAJK156*006#
K
15
6.3
0.9
6
2
TAJP156*006#
P
15
6.3
0.9
8
3.5
TAJR156*006#
R
15
6.3
0.9
8
4.1
TAJS156*006#
S
15
6.3
0.9
8
4
TAJT156*006#
T
15
6.3
0.9
6
3.5
TAJK226*006#
K
22
6.3
1.3
10
1.8
TAJP226M006#
P
22
6.3
1.3
8
3.8
TAJS226*006#
S
22
6.3
1.3
10
1.8
TAJT226*006#
T
22
6.3
1.4
8
2.5
TAJW226*006#
W
22
6.3
1.3
6
0.6
TAJT336*006#
T
33
6.3
2.1
10
2.5
TAJW336*006#
W
33
6.3
2.1
6
1.8
TAJT476*006#
T
47
6.3
2.8
10
1.6
TAJW476*006#
W
47
6.3
3
6
1.5
TAJW686*006#
W
68
6.3
4.3
6
1.5
TAJY107*006#
Y
100
6.3
6.3
6
0.9
TAJW107*006#
W
100
6.3
6.3
6
0.9
TAJW157*006#
W
157
6.3
9
8
0.3
TAJX157*006#
X
150
6.3
9.5
6
0.9
TAJY157*006#
Y
150
6.3
9
6
0.4
TAJF227*006#
F
220
6.3
13.2
10
0.3
TAJX227*006#
X
220
6.3
13.2
8
0.3
TAJY227*006#
Y
220
6.3
13.9
10
0.9
TAJY337*006#
Y
330
6.3
20.8
12
0.4
TAJY477*006#
Y
470
6.3
28.2
20
0.2
TAJR105*010#
R
1
10
0.5
4
25
TAJS105*010#
S
1
10
0.5
4
25
TAJR155*010#
R
1.5
10
0.5
6
20
TAJS155*010#
S
1.5
10
0.5
6
20
TAJR225*010#
R
2.2
10
0.5
6
15
TAJS225*010#
S
2.2
10
0.5
6
12
TAJR335*010#
R
3.3
10
0.5
6
8
TAJS335*010#
S
3.3
10
0.5
6
8
TAJT335*010#
T
3.3
10
0.5
6
6
TAJR475*010#
R
4.7
10
0.5
6
9
TAJS475*010#
S
4.7
10
0.5
6
5
TAJT475*010#
T
4.7
10
0.5
6
5
TAJP685*010#
P
6.8
10
0.7
6
5
TAJR685*010#
R
6.8
10
0.7
6
5.2
TAJS685*010#
S
6.8
10
0.7
6
4
TAJT685*010#
T
6.8
10
0.7
6
4
TAJR106M010#
R
10
10
1
20
6
TAJK106*010#
K
10
10
1
6
2.2
TAJP106M010#
P
10
10
1
8
6
TAJS106*010#
S
10
10
1
8
4
TAJT106*010#
T
10
10
1
6
3
TAJS156*010#
S
15
10
1.5
6
2
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20%
# Standard Plating
– Insert R for 7" reel and S for 13" reel
Capacitance Tolerance
# Gold Plating
– Insert A for 7" reel and B for 13" reel
NOTE: AVX reserves the right to supply a
higher voltage rating or tighter toler-
ance part in the same case size, to the
same reliability standards.


Similar Part No. - TAJY107K035S

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJY107K016RNJ AVX-TAJY107K016RNJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJY107K035S

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJS105K010RNJ AVX-TAJS105K010RNJ Datasheet
120Kb / 5P
   TAJ Series
TAJA684K025RNJ AVX-TAJA684K025RNJ Datasheet
118Kb / 5P
   TAJ Series
TAJD106M025RNJ AVX-TAJD106M025RNJ Datasheet
140Kb / 8P
   TAJ Series
TAJE107M025RNJ AVX-TAJE107M025RNJ Datasheet
143Kb / 8P
   TAJ Series
TAJC226M016R AVX-TAJC226M016R Datasheet
118Kb / 5P
   TAJ Series
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJA475K025RNJ AVX-TAJA475K025RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJD106K050RNJ AVX-TAJD106K050RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJE227K016RNJ AVX-TAJE227K016RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJA105K016RNJ AVX-TAJA105K016RNJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com